Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 19 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 15Page - Analog Devices ADATE320 Datasheet HTML 16Page - Analog Devices ADATE320 Datasheet HTML 17Page - Analog Devices ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices ADATE320 Datasheet HTML 20Page - Analog Devices ADATE320 Datasheet HTML 21Page - Analog Devices ADATE320 Datasheet HTML 22Page - Analog Devices ADATE320 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 18 of 82
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
INTERACTION AND CROSSTALK
Measure Voltage Channel to
Channel Crosstalk
10
µV
CT
PPMU enabled in FIMV, Range B, channel
under test: force 0.0 mA into 0.0 V; other
channel: force 0.0 mA into VDUTx; sweep
VDUTx from −1.5 V to +4.5 V; measure ∆V at
PPMU_Mx under test
Measure Current Channel to
Channel Crosstalk
0.0001
%FSR
CT
PPMU enabled in FVMI, Range B; channel
under test: force 0.0 V into open circuit;
other channel: force 0.0 V into IDUTx; sweep
IDUTx from −1.0 mA to +1.0 mA; measure ∆V
at PPMU_Mx under test
1
PCHx offset is derived from measurements at DAC Code 0xA000 (3.75 V or 50% FS) and DAC Code 0xB333 (4.50 V or 80% FS), with PCLx at DAC Code 0x0000 (−2.5 V).
PCLx offset is derived from measurements at DAC Code 0x6000 (1.25 V or −50% FS) and DAC Code 0x4CCC (0.50 V or −80% FS), with PCHx at DAC Code 0xFFFF (7.5 V).
2
PCHx gain is derived from the measurements at DAC Code 0xA000 (3.75 V or 50% FS) and DAC Code 0xB333 (4.50 V or 80% FS), with PCLx at DAC Code 0x0000
(−2.5 V). PCLx gain is derived from measurements at DAC Code 0x6000 (1.25 V or −50% FS) and DAC Code 0x4CCC (0.50 V or −80% FS), with PCHx at DAC Code 0xFFFF
(7.5 V). For example, the ideal gain is ±FS per 2.5 V in all ranges; in Range B, the ideal gain is ±400 µA/V; therefore, 30% error is ±520 µA/V.
PPMU GO/NO-GO COMPARATORS SPECIFICATIONS
Table 8.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Compare Voltage Range
−1.5
+5.0
V
D
Input Offset Voltage
−250
+250
mV
P
Measured at DAC Code 0x4000 (0 V)
Input Offset Voltage TC
±100
μV/°C
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
Gain TC
±10
ppm/°C
CT
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V)
Comparator Threshold Resolution
153
µV
D
Comparator Threshold DNL
±250
µV
CT
After two-point calibration; measured over POHx/POLx
range −1.5 V to +5.0 V; calibration points DAC Code
0x4000 (0.0 V) and DAC Code 0x8CCC (3.0 V)
Comparator Threshold INL
−7
+7
mV
P
After two-point calibration; measured over POHx/POLx
range −1.5 V to +5.0 V; calibration points DAC Code
0x4000 (0.0 V) and DAC Code 0x8CCC (3.0 V)
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range
PPMU EXTERNAL SENSE PINS SPECIFICATIONS
Table 9.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Voltage Range
−1.5
+4.5
V
D
PPMU input select, in all states
Leakage
−2
0.0
+2
nA
P
Tested at −1.5 V and +4.5 V
Maximum Load Capacitance
2000
pF
S
Capacitive load tolerated at DUTx sense pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com