Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 65 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 61Page - Analog Devices ADATE320 Datasheet HTML 62Page - Analog Devices ADATE320 Datasheet HTML 63Page - Analog Devices ADATE320 Datasheet HTML 64Page - Analog Devices ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices ADATE320 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 64 of 82
POWER SUPPLY SEQUENCING
The ADATE320 is designed to tolerate sequencing of power
supplies in any order. It is therefore not critical that the power
supplies be sequenced in any particular order; however, there
are recommended best practices.
The ADATE320 has two analog power supplies (VCC, VEE)
and one digital power supply (VDD). The analog supplies
service all of the analog functions on the chip such as level
setting DACs, driver, comparator, load, and PPMU. The digital
supply services the SPI and all digital CMOS control circuitry.
There is careful separation between the analog and digital partitions
of the chip, and significant effort has been made to decouple
these two partitions both functionally and electrically. The analog
partition remains in the default configuration in the absence of
VDD, and similarly, the digital partition remains in the default
configuration in the absence of either (or both) VCC and VEE.
It is not possible to guarantee predictable behavior of the analog
partition if either the VEE or VCC supply is poorly conditioned or
absent. It is therefore recommended that any externally connected
device be disconnected from the DUTx pin to prevent potential
damage to that device while either of the VEE or VCC supplies is
out of specification.
Assuming the VEE and VCC analog supplies are both applied and
within specification, the analog partition ensures that all functions
remain in the default configuration. This is true even when the
VDD supply is absent and digital CMOS control circuitry is not yet
functioning. In such a case (or whenever the RST pin is asserted),
all of the level setting DACs takes the voltage present at the
DUTGND input pin, and all SPI control bits assume their reset
default values. The analog functions remain in this safe condition
as long as VDD remains absent or as long as the RST pin remains
asserted.
It is recommended that the RST pin always be asserted during
the time that the VDD supply is being brought up. If this condition
is met, the level setting DACs continue to hold the DUTGND
potential after VDD stabilizes and after the RST pin is released. A
fully clocked reset sequence then initializes the level setting
DACs to the reset default conditions as specified in Table 29.
The reset sequence is described in more detail in the SPI Reset
Sequence and the Pin section.
In light of these considerations, it is recommended that the two
analog supplies be applied first. It is preferable that the smaller
valued supply (VEE) be applied before the larger valued supply
(VCC). Bring up the digital VDD supply next while the RST pin
is asserted. After VDD is stable and the RST pin is subsequently
released, a fully clocked reset sequence must follow. This power
supply sequence ensures that analog functions and all level
setting DACs receive the proper configuration information
during the digital partition reset sequence.
The power supplies must be removed in the reverse order.
Note that VREF and the high speed transmission line termination
pins (VTTDx, VTTCx) are all part of the analog partition, but they
are not treated as supplies. VREF can be managed independent of
VCC and VEE, provided its potential never goes outside those of
the VEE and VCC supply buses to prevent ESD protection diodes
from becoming forward biased. The VTTDx and VTTCx pins
do not have this restriction relative to VCC and VEE, but they
must never go outside the absolute maximum ratings as
measured with respect to PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com