Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 9 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 5Page - Analog Devices ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices ADATE320 Datasheet HTML 10Page - Analog Devices ADATE320 Datasheet HTML 11Page - Analog Devices ADATE320 Datasheet HTML 12Page - Analog Devices ADATE320 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 8 of 82
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
Gain
1.0
1.1
V/V
P
Drive high-Z, sourcing 1 mA, gain derived from measure-
ments at DAC Code 0x4000 (0.0 V) and DAC Code 0x8CCC
(3.0 V), based on an ideal DAC transfer function (see Table 24)
Gain TC
±25
ppm/°C
CT
Resolution
153
µV
D
DNL
±250
µV
CT
Drive high-Z, sourcing 1 mA, after two-point gain/offset
calibration; calibration points at DAC Code 0x4000 (0.0 V)
and DAC Code 0x8CCC (3.0 V), measured over the
functional range
INL
−20
+20
mV
P
Drive high-Z, sourcing 1 mA, after two-point gain/offset
calibration; calibration points at DAC Code 0x4000 (0.0 V)
and DAC Code 0x8CCC (3.0 V), measured over the
functional range
DC CLAMP CURRENT LIMIT
Drive high-Z
VCHx
−105
−60
mA
P
VCHx = −1.0 V, VCLx = −2.0 V, VDUTx = 4.5 V
VCLx
+60
+105
mA
P
VCHx = 5.0 V, VCLx = 4.0 V, VDUTx = −1.5 V
DUTGND VOLTAGE ACCURACY
−10
±2
+10
mV
P
Over ±0.1 V range, measured at end points of VCHx and
VCLx functional range
NORMAL WINDOW COMPARATOR (NWC) SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
DC SPECIFICATIONS
Input Voltage Range
−1.5
+4.5
V
D
Differential Voltage Range
±0.1
±6.0
V
D
Input Offset Voltage
−250
+250
mV
P
Measured at DAC Code 0x4000 (0.0 V); uncalibrated
Input Offset Voltage TC
±150
µV/°C
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurements at DAC Code 0x4000
(0.0 V) and DAC Code 0x8CCC (3.0 V); based on an ideal
DAC transfer function (see Table 24)
Gain TC
±10
ppm/°C
CT
Threshold Resolution
153
µV
D
Threshold DNL
±0.25
mV
CT
Measured over −1.5 V to +4.5 V functional range after
two-point gain/offset calibration; calibration points at
DAC Code 0x4000 (0.0 V) and DAC Code 0x8CCC (3.0 V)
Threshold INL
After two-point gain/offset calibration; calibration points
at DAC Code 0x4000 (0.0 V) and DAC Code 0x8CCC (3.0 V)
Focused Range
−5
+5
mV
P
Measured over −0.5 V to +3.5 V range
Full Range
−7
+7
mV
P
Measured over −1.5 V to +4.5 V range
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured over −0.5 V to +3.5 V focused
NWC input range
Uncertainty Band
10
mV
CB
VDUTx = 0.0 V, sweep comparator threshold to determine
the uncertainty band
Programmable Hysteresis
100
mV
CB
Hysteresis Resolution
4
Bits
D
DC PSR
±5
mV/V
CT
Measured at DAC Code 0x4000 (0.0 V) and DAC Code 0x8CCC
(3.0 V) calibration points
Digital Output
Characteristics
Internal Pull-up
Resistance to
Comparator, VTTCx
46
50
54
Ω
P
Source 1 mA and 10 mA from the output pin in high state,
measure ∆V to calculate resistance; R = ∆V/9 mA; repeat
for all output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com