Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 68 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 64Page - Analog Devices ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices ADATE320 Datasheet HTML 69Page - Analog Devices ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 67 of 82
DACVOH
ADDR: 0x06, CH0
DACVOL
ADDR: 0x07, CH0
DMC_ENABLE
ADDR: 0x1A[0], CH0
DACVOH
TO DUT1
DUT0
A = 1
DACVOL
0
1
0
1
CMPH0
CMPH0
CMPL0
DIFFERENTIAL
COMPARATOR ON
CHANNEL 0 ONLY
CMPL0
Figure 140. Comparator Functional Block Diagram
50Ω
50Ω
50Ω
50Ω
1.8V ESD
CLAMP
EXTERNAL
TERMINATION
50Ω
VTTCx
CMPx
CMPx
PGND
PGND 0.0V RAIL
ESD DIODES: ALL CMPH/Lx
OUTPUTS AND VTTCx (ONLY
SHOWN ON VTTCx AND CMPHx
OUTPUT FOR CLARITY)
≥200mV
(TYPICAL = 250mV)
NOTE: VTTC0 AND VTTC1 PINS
ARE NOT ELECTRICALLY
CONNECTED
VIRTUAL 1.8V RAIL
10mA
50Ω
ADATE320
Figure 141. Comparator Equivalent Output Stage Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com