Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 69 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 65Page - Analog Devices ADATE320 Datasheet HTML 66Page - Analog Devices ADATE320 Datasheet HTML 67Page - Analog Devices ADATE320 Datasheet HTML 68Page - Analog Devices ADATE320 Datasheet HTML 69Page - Analog Devices ADATE320 Datasheet HTML 70Page - Analog Devices ADATE320 Datasheet HTML 71Page - Analog Devices ADATE320 Datasheet HTML 72Page - Analog Devices ADATE320 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 68 of 82
50Ω
POWER
CONTROL
DACVIT/VCOM
ADDR: 0x02, CHx
DACVIOH
ADDR: 0x08, CHx
DACVIOL
ADDR: 0x09, CHx
LOAD_POWER_DOWN
(SEE LOAD LOGIC DIAGRAM)
ACTIVE LOAD
FROM DRIVER
DUTx
LOAD_CONNECT
(SEE LOAD LOGIC DIAGRAM)
Figure 142. Active Load Functional Block Diagram
LOAD_ENABLE_x
ADDR: 0x1B[0], CHx
LOAD_FORCE_x
ADDR: 0x1B[1], CHx
DRIVE_VT_HIZ_x
ADDR: 0x19[4], CHx
RCVx
LOAD_CONNECT
(SEE ACTIVE LOAD FUNCTIONAL BLOCK DIAGRAM)
LOAD_PWR_DOWN
(SEE ACTIVE LOAD FUNCTIONAL BLOCK DIAGRAM)
LOAD_PWR_DOWN = LOAD_ENABLE_x
LOAD_CONNECT = LOAD_ENABLE_x × (RCVx × DRIVE_VT_HIZ_x + LOAD_FORCE_x)
Figure 143. Active Load Functional Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com