Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE320 Datasheet(PDF) 22 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 18Page - Analog Devices ADATE320 Datasheet HTML 19Page - Analog Devices ADATE320 Datasheet HTML 20Page - Analog Devices ADATE320 Datasheet HTML 21Page - Analog Devices ADATE320 Datasheet HTML 22Page - Analog Devices ADATE320 Datasheet HTML 23Page - Analog Devices ADATE320 Datasheet HTML 24Page - Analog Devices ADATE320 Datasheet HTML 25Page - Analog Devices ADATE320 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 21 of 82
Parameter
Symbol
Min
Typ
Max
Unit
Test
Level
Description
SDI to SCLK Setup
tDS
3
ns
S
Setup time of SDI data prior to next rising edge of SCLK.
SDI to SCLK Hold
tDH
4
ns
S
Hold time of SDI data following previous rising edge of SCLK.
SCLK to Valid SDO
tDO
0
6
ns
S
Propagation delay from rising edge of SCLK to valid SDO data.
BUSY Assert from CS/RST
tBUSA
0
6
ns
S
Propagation delay from first rising SCLK following valid CS release
(or RST release in the case of hardware reset) to BUSY assert.
BUSY Width
tBUSW
Following CS
3
21
Cycles
D
Delay time from first rising SCLK after valid CS release to BUSY
release. Satisfies the requirements detailed in the SPI Clock
Cycles and the Pin section, except following RST or software reset.
Following RST
744
Cycles
D
Delay time from first rising SCLK after RST release (or valid CS
release in the case of software reset) to BUSY release. Satisfies
the requirement of synchronous reset sequence detailed in the
SPI Clock Cycles and the Pin section.
BUSY Release from SCLK
tBUSR
0
10
ns
S
Propagation delay from qualifying SCLK edge to BUSY release.
Width of RST Assert
tRMIN
5
ns
S
Minimum width of asynchronous RST assert, 5 pF external loading.
RST to SCLK Setup at Assert
tRS
1.5
ns
S
Minimum setup time of RST release to next rising edge of SCLK.
SCLK Cycles per SPI Word
tSPI
29
Cycles
D
Minimum number of SCLK rising edge cycles required per valid
SPI operation, including the minimum tCSAM requirement between
consecutive CS assertions.
Internal DAC Settling to
Within ±2 mV from
BUSY Release
tDAC
10
µs
CB
Settling time of internal analog DAC levels to within ±2 mV.
Settling time is relative to the release of BUSY.1
1
The overall settling time may be dominated by the characteristics of an analog block (such as the PPMU or driver) and its respective mode setting (such as Range A or
Range B).
SPI TIMING DIAGRAMS
SCLK
CS
SDI
A0
D15 D14
0
1
2
3
4
5
6
7
8
9
10
11
24
25
0
1
2
3
4
5
6
7
D1
C1
C0
A6
A5
A4
A3
A2
A1
C1
C0
A6
A5
A4
A3
A2
A1
A0
C1
C0
A6
A5
A4
A3
A2
A1
C1
C0
A6
A4
A3
A2
A1
A0
D15 D14
D1
D0
D0
SDO
BUSY
tCH
tCL
tCSAS
tCSAH
tCSO
tDS
tDH
tDO
tCSAM
tCSRS
tCSRH
tCSZ
tBUSA
tBUSR
tBUSW
NOTE 1
NOTE 1
NOTES
1. IF THE SPI_SDO_HIZ CONTROL BIT (ADDR 0x12 [1]) IS HIGH, THE SDO PIN BECOMES ACTIVE
FOLLOWING THE ASSERTION OF CS. IT BECOMES HIGH-Z FOLLOWING RELEASE OF CS. IF THE
SPI_SDO_HIZ CONTROL BIT IS LOW, THE SDO PIN REMAINS ACTIVE INDEPENDENT OF CS.
R/W
R/W
Figure 2. SPI Detailed Read/Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com