Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 39Page - Dialog Semiconductor DA9021 Datasheet HTML 40Page - Dialog Semiconductor DA9021 Datasheet HTML 41Page - Dialog Semiconductor DA9021 Datasheet HTML 42Page - Dialog Semiconductor DA9021 Datasheet HTML 43Page - Dialog Semiconductor DA9021 Datasheet HTML 44Page - Dialog Semiconductor DA9021 Datasheet HTML 45Page - Dialog Semiconductor DA9021 Datasheet HTML 46Page - Dialog Semiconductor DA9021 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
43 of 142
© 2017 Dialog Semiconductor
10 Typical characteristics
10.1 Buck regulator performance
Figure 7: BUCKPERI efficiency curves
Figure 8: BUCKCORE efficiency curves
Figure 9: BUCKPRO efficiency curves
Figure 10: BUCKMEM efficiency curves
Figure 11: Typical buck line transient
Figure 12: Typical buck load transient
Note 1
Ch2: VBAT, Ch3: VOUT, Ch4: ICOIL
VOUT = 2.5 V, no load,
VBAT = 3.0 V to 3.6 V step,
t_rise = t_fall = ~10 µs
Note 1
Ch1: ICOIL, Ch2: VOUT, Ch4: ILOAD
VOUT = 1.8 V, VBAT = 4 V,
ILOAD = 0 V to 500 mA, dI/dt~50 mA/µs, rising
Buck Peri, Vbat=3.7V, Vout=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.0010
0.0100
0.1000
1.0000
Iload (A)
Auto Model
PFM mode
PWM Mode
Buck Core, Vbat=3.2V, Vout=2.075V
0
10
20
30
40
50
60
70
80
90
100
0.0010
0.0100
0.1000
1.0000
Iload (A)
Auto Model
PFM mode
PWM Mode
Buck Pro, Vbat=3.2V, Vout=2.075V
0
10
20
30
40
50
60
70
80
90
100
0.0010
0.0100
0.1000
1.0000
Iload (A)
Auto Model
PFM mode
PWM Mode
Buck Mem, Vbat=3.7V, Vout=2V
0
10
20
30
40
50
60
70
80
90
100
0.0010
0.0100
0.1000
1.0000
Iload (A)
Auto Model
PFM mode
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com