Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 10Page - Dialog Semiconductor DA9021 Datasheet HTML 11Page - Dialog Semiconductor DA9021 Datasheet HTML 12Page - Dialog Semiconductor DA9021 Datasheet HTML 13Page - Dialog Semiconductor DA9021 Datasheet HTML 14Page - Dialog Semiconductor DA9021 Datasheet HTML 15Page - Dialog Semiconductor DA9021 Datasheet HTML 16Page - Dialog Semiconductor DA9021 Datasheet HTML 17Page - Dialog Semiconductor DA9021 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
14 of 142
© 2017 Dialog Semiconductor
Figure 4: Pad arrangement colour key
Table 2: Pin description for DA9021
Pin no.
Pin name
Type
(Table 4)
Description
Power manager
E2
nONKEY
DI
On/off key with optional long press shutdown
B3
SYS_EN
DI/DIO
Hardware enable of power domain SYSTEM/GPIO_8
B4
PWR_EN
DI/DIO
Hardware enable of power domain POWER/GPIO_9
F5
PWR1_EN
DI/DIO
Hardware enable of power domain POWER1/GPIO_10 with
high power output and blinking feature, input for power
sequencer WAIT ID
C4
nSHUTDOWN
DI
Active low input from switch or error indication line from host
to initiate shutdown
C2
nRESET
DO
Active low RESET towards host
B6
GP_FB1
DO/DIO
Status indication towards host for a valid wakeup event
(EXT_WAKEUP) or indicator for ongoing power mode
transition (READY) /GPIO_12, enables hardware control of
LDO9
G2
nIRQ
DO
Active low IRQ line towards host
C3
nVDD_FAULT
DO/DIO
Active low indication for low supply voltage/GPIO_13
F3
PWR_UP
DO/DO
Sequencer status indicator: All POWER IDs powered up
(PWR_UP) or programmable level controlled from the power
sequencer (GP_FB2)
G6
VDD_IO
PS
Supply I/O voltage rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com