Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 43Page - Dialog Semiconductor DA9021 Datasheet HTML 44Page - Dialog Semiconductor DA9021 Datasheet HTML 45Page - Dialog Semiconductor DA9021 Datasheet HTML 46Page - Dialog Semiconductor DA9021 Datasheet HTML 47Page - Dialog Semiconductor DA9021 Datasheet HTML 48Page - Dialog Semiconductor DA9021 Datasheet HTML 49Page - Dialog Semiconductor DA9021 Datasheet HTML 50Page - Dialog Semiconductor DA9021 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
47 of 142
© 2017 Dialog Semiconductor
A detection of a hard reset forces the assertion of nRESET to low when the sequencer returns from
POWERDOWN mode to RESET mode.
This type of reset is typically used only for severe or unrecoverable hardware or software problems,
because it completely resets the processor and can result in data loss.
11.4 Reset output (nRESET)
The nRESET signal is an active-low output signal from DA9021/22 to the host processor, which tells
the host to enter the hardware-reset state. nRESET is always asserted at the beginning of a
DA9021/22 cold start from NO-POWER mode and when the DA9021/22 returns to RESET mode.
nRESET can also be asserted as a soft reset after the sequencer finishes powering down without
progressing to RESET-mode.
The reset timer trigger signal can be configured to be EXT_WAKEUP, SYS_UP or PWR_UP. After
being asserted nRESET remains low until the reset timer is started from the selected trigger signal
and expires. The expiry time can be configured from 1 ms to 1024 ms.
11.5 System enable (SYS_EN)
SYS_EN is an input signal from the host processor to DA9021/22 (or can be default enabled via OTP
settings), which initiates enabling the system power supplies. The control SYS_EN will be initialised
from OTP if the related port is configured as GPI or GPO. The register bit SYS_EN can be read and
changed via the control interfaces. DA9021/22 will not accept any power mode transition commands
until the sequencer has stopped processing IDs. De-asserting SYS_EN informs the DA9021/22 that
the host processor is going into a standby/hibernate mode. When the port is changing from active to
passive state there is no IRQ or wakeup event trigger. With the exception of supplies that are
configured in ACTIVE mode with a voltage preset before powering down, all regulators and buck
converters in power domain POWER1, POWER and SYSTEM will be sequentially disabled in
reverse order.
11.6 Power enable (PWR_EN)
PWR_EN is an input signal from the host processor to DA9021/22 (or is configured via OTP or host
commands). Initialisation, IRQ assertion and register bit PWR_EN control is similar to SYS_EN. To
ensure the correct sequencing SYS_EN has to be active before asserting PWR_EN. When de-
asserting SYS_EN the sequencer will sequentially power down POWER1, POWER and SYSTEM
domains respectively.
11.7 Power1 enable (PWR1_EN)
PWR1_EN is an input signal from a host to DA9021/22 and is configured via OTP or host
commands. Initialisation, IRQ assertion and register bit PWR1_EN control is similar to SYS_EN. The
domain POWER1 is a sub power domain for general purpose.
11.8 General purpose feedback signal 1 (GP_FB1: EXT_WAKEUP/READY)
The feedback GP_FB1 supports two different modes. If configured as EXT_WAKEUP it is an active
high output signal to the host processor that indicates a valid wakeup event during POWERDOWN
mode. External signals that are causing wakeup events are debounced before DA9021/22 asserts
the EXT_WAKEUP signal. EXT_WAKEUP is released when entering the ACTIVE mode. If
configured as READY signal it indicates ongoing DVC or power sequencer activities. The signal is
active low and is asserted from DA9021/22 as long as the power sequencer processes IDs or DVC
voltage transitions are ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com