Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 23Page - Dialog Semiconductor DA9021 Datasheet HTML 24Page - Dialog Semiconductor DA9021 Datasheet HTML 25Page - Dialog Semiconductor DA9021 Datasheet HTML 26Page - Dialog Semiconductor DA9021 Datasheet HTML 27Page - Dialog Semiconductor DA9021 Datasheet HTML 28Page - Dialog Semiconductor DA9021 Datasheet HTML 29Page - Dialog Semiconductor DA9021 Datasheet HTML 30Page - Dialog Semiconductor DA9021 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
27 of 142
© 2017 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
PSRR
PSRR
f = 10 Hz to 10 kHz
VDD = 3.6 V
40
60
dB
Quiescent current in
ON mode
IQON
Note 2
8
+0.3 %
of IOUT
μA
Quiescent current in
OFF mode
IQOFF
1
μA
Turn on time
TON
10 % to 90 %
300
μs
Turn off time
TOFF
90 % to 10 %
10
ms
Pull down
resistance in OFF
mode
ROFF
100
Ω
Note 1
Programmable in 50 mV voltage steps, maximum output voltage is determined by VDD – V DROPOUT.
Note 2
Internal regulator current flowing to ground
8.7.3
LDO7
Table 16: LDO7
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage
VDD
(if supplied from buck)
2.8
(1.5)
VDD_OUT +
0.3 V 5 V max
V
Output voltage
VLD07
IOUT = IMAX
1.2
Note 1
V
Output accuracy
IOUT = IMAX
-3
+3
%
Stabilisation
capacitor
COUT
(including voltage and
temperature coefficient
@ configured output
voltage)
-55 %
2.2
+35 %
F
ESR of capacitor
f > 1 MHz
0.1

Maximum output
current
IMAX
VDD
≥ 1.8 V
200
mA
Short circuit current
ISHORT
400
mA
Dropout voltage
VDROPOUT
IOUT = IMAX
(for VDD = 1.5 V IOUT =
IMAX/3)
100
150
mV
Static line
regulation
VSLINE
VDD = 3.0 V to 5.0 V
IOUT = IMAX
5
20
mV
Static load
regulation
VSLOAD
IOUT = 1 mA to IMAX
5
20
mV
Line transient
response
VTRLINE
VDD = 3.0 V to 3.6 V
IOUT = IMAX
tr = tf = 10 µs
5
20
mV
Load transient
response
VTRLOAD
VDD = 3.6 V
IOUT = 1 mA to IMAX
tr = tf = 1 µs
20
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com