Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 16Page - Dialog Semiconductor DA9021 Datasheet HTML 17Page - Dialog Semiconductor DA9021 Datasheet HTML 18Page - Dialog Semiconductor DA9021 Datasheet HTML 19Page - Dialog Semiconductor DA9021 Datasheet HTML 20Page - Dialog Semiconductor DA9021 Datasheet HTML 21Page - Dialog Semiconductor DA9021 Datasheet HTML 22Page - Dialog Semiconductor DA9021 Datasheet HTML 23Page - Dialog Semiconductor DA9021 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
20 of 142
© 2017 Dialog Semiconductor
5
Absolute maximum ratings
The maximum continuous charger voltage must be less than 5.5 V. The overvoltage protection
(OVP) circuit will help protect against transients above this level minimising effects on operation
lifetime.
VDDOUT must not be driven from an external supply if the charger buck is used.
Table 5: Absolute maximum ratings
Parameter
Symbol
Conditions
(Note 1)
Min
Max
Unit
Storage temperature
-40
+95
°C
Operating
temperature
Ta(max)
-25
+85
°C
Power supply Input
VBAT,
VBUS_PROT,
VDDOUT,
VDD_REF
-0.3
5.5
V
Supply voltage
charger
VBUS
-0.3
12
V
Supply voltage
buck input pins
VDDOUT -0.3 V
VDDOUT + 0.3 V
5 V max.
V
Supply voltage
all pins except listed
above
-0.3
VDDOUT + 0.3 V
5 V max.
V
Maximum power
dissipation
1.86
W
Package thermal
resistance
Note 2
21.5
K/W
ESD susceptibility
Human body
model
2
kV
Note 1
Stresses beyond those listed under
‘Absolute maximum ratings’ may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2
JEDEC 6 layer board, still air, influenced by PCB technology and layout. The numbers of supplies that
can be used at the same time at maximum dissipation power is limited by the thermal resistance of the
package and the PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com