Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 82 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 82 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 78Page - Dialog Semiconductor DA9021 Datasheet HTML 79Page - Dialog Semiconductor DA9021 Datasheet HTML 80Page - Dialog Semiconductor DA9021 Datasheet HTML 81Page - Dialog Semiconductor DA9021 Datasheet HTML 82Page - Dialog Semiconductor DA9021 Datasheet HTML 83Page - Dialog Semiconductor DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
82 of 142
© 2017 Dialog Semiconductor
NO POWER Mode
RESET Mode
POWER-DOWN Mode
DOMAIN SYSTEM
DOMAIN POWER
OTP READ
( with 10ms
debouncing)
OTP READ
( with 10ms
debouncing)
Charger provides
VDDOUT
OTP READ
Supplies and
Sequencer timer
EXT_WAKEUP = 1
SYS_UP = 1
Process sequencer
IDs up to pointer
SYSTEM_END
Process sequencer
IDs down to pointer
PART_POWN or
step 0
SYS_UP =
0: no supply is preset
1: SYSTEM supplies
are preset
PWR_UP = 1
Process sequencer
IDs up to pointer
POWER_END
Wakeup event
nONKEY
SYS_EN, PWR_EN, PWR1_EN
asserted
E_GPI_x (incl. ADC threshold)
Voltage comparator 1.2V
Pen down detection
ID_FLOAT (falling edge)
VBUS attach/removal
End of battery charging
VDDOUT low warning
RTC Alarm
Access of 2-WIRE IF
VDDOUT > VDDOUT_MIN
VDDCORE > VPOR_UPPER
VDDCORE < VPOR_LOWER
nVDD_FAULT or
TEMP_OVER or
TWD_ERROR or
nSD_SHUT or KEY_SHUT or WAIT_SHUT asserted
SHUTDOWN=
’1'
PWR_EN=
’1'
nVDD_FAULT or
TEMP_OVER or
TWD_ERROR or
nSD_SHUT or KEY_SHUT or WAIT_SHUT asserted
SYS_EN=
’0'
DEEP_SLEEP=
’1'
SHUTDOWN=
’1'
Process sequencer
IDs down to pointer
SYSTEM_END
PWR_UP =
0: no supply is preset
1: POWER supplies
are preset
nVDD_FAULT or
TEMP_OVER or
TWD_ERROR or
nSD_SHUT or KEY_SHUT or WAIT_SHUT asserted
SYS_EN=
’0'
PWR_EN=
’0'
DEEP_SLEEP=
’1'
SHUTDOWN=
’1'
ACTIVE MODE
Wait for ‚alive’ signal
from host
Process sequencer
IDs up to pointer
MAX_COUNT
PWR1_EN=
’1'
DOMAIN POWER1
Process sequencer
IDs down to pointer
POWER_END
nVDD_FAULT or
TEMP_OVER or
TWD_ERROR or
nSD_SHUT or KEY_SHUT or WAIT_SHUT asserted
SYS_EN=
’0'
PWR_EN=
’0'
PWR1_EN=
’0'
DEEP_SLEEP=
’1'
SHUTDOWN=
’1'
LDOCORE
Band-gap
32K oscillator
BCD counter
VDDOUT, VBUS_PROT and
VDDCORE comparators
Reset SHUTDOWN
Expire over-temperature
VDDCORE comparators
Reset FAULTLOG and BCD-counter
LDOCORE
Band-gap
32K oscillator
BCD counter
VDDOUT, VBUS_PROT and
VDDCORE comparators
Supplies with preset voltage
Non-disabled features
Internal oscillator (if GP-ADC or a
buck is enabled not in sleep mode)
LDOCORE
Band-gap
32K oscillator
BCD counter
VDDOUT, VBUS_PROT and
VDDCORE comparators
Supplies
Non-disabled features
Internal oscillator (if GP-ADC or a
buck is enabled not in sleep mode)
LDOCORE
Band-gap
32K oscillator
BCD counter
VDDOUT, VBUS_PROT and
VDDCORE comparators
Supplies
Internal oscillator
VDDOUT > VDD_FAULT_UPPPER
POWERING
DOWN
POWERING
UP
VDDOUT > VDD_FAULT_UPPPER
VDDOUT > VDDOUT_MIN 128ms Time out
VBUS > VCH_THR
VBUS_DET rising
nVDD_FAULT or
TEMP_OVER or
TWD_ERROR or
nSD_SHUT or KEY_SHUT or WAIT_SHUT asserted
SYS_EN=
’0'
PWR_EN=
’0'
DEEP_SLEEP=
’1'
SHUTDOWN=
’1'
EXT_WAKEUP = 0
Figure 38: Power mode transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com