Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA9021 Datasheet HTML 1Page - Dialog Semiconductor DA9021 Datasheet HTML 2Page - Dialog Semiconductor DA9021 Datasheet HTML 3Page - Dialog Semiconductor DA9021 Datasheet HTML 4Page - Dialog Semiconductor DA9021 Datasheet HTML 5Page - Dialog Semiconductor DA9021 Datasheet HTML 6Page - Dialog Semiconductor DA9021 Datasheet HTML 7Page - Dialog Semiconductor DA9021 Datasheet HTML 8Page - Dialog Semiconductor DA9021 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
5 of 142
© 2017 Dialog Semiconductor
24.3 LDOs and switched mode supplies................................................................................... 137
24.4 Crystal oscillator ................................................................................................................ 137
24.5 DA9021 thermal connection, land pad and stencil design ................................................ 138
25 Definitions .................................................................................................................................. 139
25.1 Power dissipation and thermal design .............................................................................. 139
25.2 Regulator parameters ....................................................................................................... 139
25.2.1
Dropout voltage ................................................................................................. 139
25.2.2
Power supply rejection....................................................................................... 140
25.2.3
Line regulation ................................................................................................... 140
25.2.4
Load regulation .................................................................................................. 140
26 Ordering information ................................................................................................................ 141
26.1 Additional applications information ................................................................................... 141
Revision history............................................................................................................................... 141
Figures
Figure 1: Block diagram....................................................................................................................... 10
Figure 2: PCB board DA9021 pad arrangement (view from the top) .................................................. 12
Figure 3: PCB board DA9022 pad arrangement (view from the top) .................................................. 13
Figure 4: Pad arrangement colour key ................................................................................................ 14
Figure 5: 4-wire control bus timing diagram ........................................................................................ 24
Figure 6: Schematics of the RTC oscillator and counter functionality................................................. 42
Figure 7: BUCKPERI efficiency curves ............................................................................................... 43
Figure 8: BUCKCORE efficiency curves ............................................................................................. 43
Figure 9: BUCKPRO efficiency curves ................................................................................................ 43
Figure 10: BUCKMEM efficiency curves ............................................................................................. 43
Figure 11: Typical buck line transient .................................................................................................. 43
Figure 12: Typical buck load transient................................................................................................. 43
Figure 13: Typical LDO load regulation ............................................................................................... 44
Figure 14: Typical LDO drop-out voltage ............................................................................................ 44
Figure 15: Typical LDO line transient .................................................................................................. 44
Figure 16: LDO load transient ............................................................................................................. 44
Figure 17: Typical LDO voltage vs temperature.................................................................................. 44
Figure 18: ADC DNL performance ...................................................................................................... 45
Figure 19: ADC INL performance ........................................................................................................ 45
Figure 20 Power path behaviour USB100 mode................................................................................. 45
Figure 21 Power path behaviour USB500 mode................................................................................. 45
Figure 22: Transitioning supply from USB 5 V (via VBUS) to VBAT................................................... 45
Figure 23: Control ports and interface ................................................................................................. 46
Figure 24: Schematic of 4-wire and 2-wire power manager bus......................................................... 49
Figure 25: 4-
wire host write and read timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘0’) .................... 50
Figure 26: 4-
wire host write and read timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘1’) .................... 51
Figure 27: 4-
wire host write and read timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘0’) .................... 51
Figure 28: 4-
wire host write and read timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘1’) .................... 52
Figure 29: Timing of 2-wire START and STOP condition ................................................................... 53
Figure 30: 2-wire byte write (SO/DATA line) ....................................................................................... 54
Figure 31: Examples of 2-wire byte read (SO/DATA line)................................................................... 54
Figure 32: 2-wire page write (SO/DATA line) ...................................................................................... 54
Figure 33: 2-wire repeated write (SO/DATA line)................................................................................ 54
Figure 34: Start-up from NO-POWER to POWERDOWN mode......................................................... 59
Figure 35: Content of OTP power sequencer register cell .................................................................. 61
Figure 36: Allocation of supplies (IDs) into to the sequencer time slots ............................................. 62
Figure 37: Typical power-up timing ..................................................................................................... 81
Figure 38: Power mode transitions...................................................................................................... 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com