Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 71 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 71 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 67Page - Dialog Semiconductor DA9021 Datasheet HTML 68Page - Dialog Semiconductor DA9021 Datasheet HTML 69Page - Dialog Semiconductor DA9021 Datasheet HTML 70Page - Dialog Semiconductor DA9021 Datasheet HTML 71Page - Dialog Semiconductor DA9021 Datasheet HTML 72Page - Dialog Semiconductor DA9021 Datasheet HTML 73Page - Dialog Semiconductor DA9021 Datasheet HTML 74Page - Dialog Semiconductor DA9021 Datasheet HTML 75Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
71 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
PART_DOWN). The bit is cleared back
to ‘0’ automatically before powering up
from POWERDOWN mode
7
R/W
SHUTDOWN
0
If set to ‘1’ the sequencer powers down
to RESET mode
The bit is cleared back to ‘0’
automatically before leaving the RESET
mode
Table 54: CONTROL_C
Register
address
Bit
Type
Label
Default
Description
R16
CONTROL_C
0
R/W
PM_FB1_PIN
0
0: Feedback pin indicates
EXT_WAKEUP events (active high)
1: Feedback pin is used as READY
indicator, signalling ongoing power
mode transitions (power sequencer and
DVC) (active low)
1
R/W
PM_FB2_PIN
0
0: Feedback pin indicates the status of
domain POWER (active high PWR_UP)
1: Feedback pin is used as a
configurable GP_FB indicator, that is
asserted from the power sequencer
4:2
R/W
DEBOUNCING
001
GPI, nONKEY and nSHUTDOWN
debounce time
000: no debounce time
001: 10.24 ms
010: 20.48 ms
011: 40.96 ms
100: 102.4 ms
101: 1024 ms
110: 2048 ms
111: 5120 ms
6:5
R/W
BLINK_FRQ
11
GPO10/GPO11 flashing frequency
00: no blinking
01: every second
10: every two seconds
11: every two seconds enabled during
PRE-CHARGE mode and emergency
charging
7
R/W
BLINK_DUR
0
GPO10/GPO11 flashing on-time
0:10 ms
1:40 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com