Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 79 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 79 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 75Page - Dialog Semiconductor DA9021 Datasheet HTML 76Page - Dialog Semiconductor DA9021 Datasheet HTML 77Page - Dialog Semiconductor DA9021 Datasheet HTML 78Page - Dialog Semiconductor DA9021 Datasheet HTML 79Page - Dialog Semiconductor DA9021 Datasheet HTML 80Page - Dialog Semiconductor DA9021 Datasheet HTML 81Page - Dialog Semiconductor DA9021 Datasheet HTML 82Page - Dialog Semiconductor DA9021 Datasheet HTML 83Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
79 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
10: GPO (Open drain)
11: GPO (Push-pull)
6
R/W
GPIO13_TYPE
0
0: GPI: active low
GPO/nVDD_FAULT: supplied from
VDD_IO/internal pull-up for open-drain
1: GPI: active high
GPO/nVDD_FAULT: supplied from
VDD_IO/external pull-up in open-drain
mode
7
R/W
GPIO13_ MODE
0
0: GPI: debouncing off
GPO: Sets output to low level
1: GPI: debouncing on and generate
wakeup
GPO: Sets output to high level
Table 64: GPIO14 to 15
Register
address
Bit
Type
Label
Default
Description
R28
GPIO_14-15
1:0
R/W
GPIO14_PIN
11
PIN assigned to
00: DATA (assigns GPIO15_PIN to
CLK)
01: GPI
10: GPO (Open drain, PWM control)
11: GPO (Push-pull)
2
R/W
GPIO14_TYPE
0
0: GPI: active low
GPO: supplied from VDD_IO/internal
pull-up in open-drain mode
1: GPI: active high
GPO: supplied from VDD_IO/external
pull-up in open-drain mode
3
R/W
GPIO14_ MODE
0
0: GPI: debouncing off, no wakeup
HS-2-wire: no wakeup
GPO: Sets output to low level (active
low for blinking)
1: GPI:debouncing on and generate
wakeup
HS-2-wire: generate wakeup when
interface was accessed
GPO: Sets output to high level (active
high for blinking)
5:4
R/W
GPIO15_PIN
11
PIN assigned to
00: CLK (see GPIO14_PIN)
01: GPI
10: GPO (Open drain, PWM control)
11: GPO (Push-pull)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com