Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 41Page - Dialog Semiconductor DA9021 Datasheet HTML 42Page - Dialog Semiconductor DA9021 Datasheet HTML 43Page - Dialog Semiconductor DA9021 Datasheet HTML 44Page - Dialog Semiconductor DA9021 Datasheet HTML 45Page - Dialog Semiconductor DA9021 Datasheet HTML 46Page - Dialog Semiconductor DA9021 Datasheet HTML 47Page - Dialog Semiconductor DA9021 Datasheet HTML 48Page - Dialog Semiconductor DA9021 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
45 of 142
© 2017 Dialog Semiconductor
10.3 ADC performance
Figure 18: ADC DNL performance
Figure 19: ADC INL performance
10.4 Power path performance
Figure 20 Power path behaviour USB100
mode
Figure 21 Power path behaviour USB500
mode
Figures 20 and 21 show increasing load current supplied from VBUS, power path loop reduces ICH
until active diode turns on which then allows current from battery to supply system load current via
VDDOUT.
Figure 22: Transitioning supply from USB 5 V (via VBUS) to VBAT
Top trace = VDDOUT, bottom trace = VBUS
USB 100 Mode, VBUS=5V, VBAT=3.8V, ICH=100mA
-0.100
-0.080
-0.060
-0.040
-0.020
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0.180
0.200
Iout (A)
3.500
3.550
3.600
3.650
3.700
3.750
3.800
3.850
3.900
3.950
4.000
4.050
I_bat (A)
I_usb (A)
VDD_out
Active Diode
Ibus Limit
VDD_out
USB 500 Mode, VBUS=5V, VBAT=3.8V, ICH=300mA
-0.300
-0.200
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
Iout (A)
3.200
3.300
3.400
3.500
3.600
3.700
3.800
3.900
4.000
4.100
I_bat (A)
I_usb (A)
VDD_out
Active Diode
Ibus Limit
VDD_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com