Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 21Page - Dialog Semiconductor DA9021 Datasheet HTML 22Page - Dialog Semiconductor DA9021 Datasheet HTML 23Page - Dialog Semiconductor DA9021 Datasheet HTML 24Page - Dialog Semiconductor DA9021 Datasheet HTML 25Page - Dialog Semiconductor DA9021 Datasheet HTML 26Page - Dialog Semiconductor DA9021 Datasheet HTML 27Page - Dialog Semiconductor DA9021 Datasheet HTML 28Page - Dialog Semiconductor DA9021 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
25 of 142
© 2017 Dialog Semiconductor
8.6
Reference voltage generation and temperature supervision
Table 13: Reference voltage generation and temperature supervision
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference voltage
VREF Pin
-1.25 %
1.2
+1 %
V
VREF decoupling capacitor
100
nF
Reference current resistor
IREF Pin
-1 %
200
+1%
kΩ
Thermal shutdown
TOVER
125
140
155
ºC
Charge current reduction
TCHARGELOW
75
90
115
ºC
Charge suspend
TCHARGESUSPEND
105
120
135
ºC
Hysteresis
10
ºC
8.7
LDO voltage regulators
8.7.1
LDO1
Table 14: LDO1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage
VDD
(power stage, if supplied from
buck)
2.0
(1.5)
VDD_OUT +
0.3 V
5 V max.
V
Output voltage
VLD01
IOUT = IMAX
0.6
Note 1
1.8
V
Output accuracy
IOUT = IMAX
-3
Note 2
+3
%
Stabilisation
capacitor
COUT
including voltage and
temperature coefficient @
configured VLD01
-55 %
1.0
+35 %
µF
ESR of capacitor
f > 1 MHz
0.1
Ω
Maximum output
current
IMAX
VDD
≥ 1.8 V
40
Note 3
mA
Short circuit current
ISHORT
80
mA
Dropout voltage
VDROPOUT
VDD > 2.15 V IOUT= IMAX
(VDD = 2.0 V IOUT = 0.4 * IMAX
or
VDD = 1.5 V IOUT = 0.25 * IMAX)
200
100
350
150
mV
Static line regulation
VSLINE
VDD = 3.0 V to 5.0 V
IOUT = IMAX
5
20
mV
Static load regulation
VSLOAD
IOUT = 1 mA to IMAX
5
20
mV
Line transient
response
VTRLINE
VDD = 3.0 V to 3.6 V
IOUT = IMAX tr = tf = 10 µs
5
20
mV
Load transient
response
VTRLOAD
VDD = 3.6 V IOUT = 1 mA to
IMAX tr = tf = 1 µs
15
50
mV
PSRR
PSRR
f = 10 Hz to 10 kHz
VDD = 3.6 V
50
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com