Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9021 Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 61Page - Dialog Semiconductor DA9021 Datasheet HTML 62Page - Dialog Semiconductor DA9021 Datasheet HTML 63Page - Dialog Semiconductor DA9021 Datasheet HTML 64Page - Dialog Semiconductor DA9021 Datasheet HTML 65Page - Dialog Semiconductor DA9021 Datasheet HTML 66Page - Dialog Semiconductor DA9021 Datasheet HTML 67Page - Dialog Semiconductor DA9021 Datasheet HTML 68Page - Dialog Semiconductor DA9021 Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
65 of 142
© 2017 Dialog Semiconductor
14 Register page control
Table 38: Register page control
Register address
Bit
Type
Label
Default
Description
R0 to R128
PAGE_CON_P0
6:0
R
0000000
7
RW
REG_PAGE
0
0: selects register R1 to R127
1: selects register R129 to R255
14.1 Register page 0
14.1.1
Power manager control and monitoring
The STATUS register reports the current value of the various signals at the time that it is read out.
NOTE
All the status bits have the same polarity as their corresponding signals.
Table 39: STATUS_A
Register
address
Bit
Type
Label
Default
Description
R1 STATUS_A
0
R
nONKEY
1
Current nONKEY state
4
R
VBUS_DET
0
0: VBUS voltage not detected (@ VBUS pin)
1: VBUS voltage detected
6
R
VBUS_SEL
0
0: No valid charger at VBUS (over voltage)
1: VBUS charger selected
7
R
VDAT_DET
0
0: USB host/hub detected (100 mA)
1: Dedicated or host/hub charger detected
Table 40: STATUS_B
Register
address
Bit
Type
Label
Default
Description
R2
STATUS_B
0
R
CHG_ATT
0
0: No charger attached (drop from VCENTER
to VDDOUT < 100 mV)
1: Charger attached (drop from VCENTER to
VDDOUT > 100 mV)
1
R
CHG_PRE
0
Asserted if charger is in pre-charge mode
2
R
CHG_LIM
0
0: Charging as configured
1: Charge current in constant current mode
reduced to less than ICHG_THD
3
R
CHG_END
0
0: Battery charging
1: Battery charging completed
cleared automatically when starting
charging/re-charging
4
R
CHG_TO
0
0: Battery charging timer OK or disabled
1: Battery charging timeout caused charging
finished cleared automatically when starting
charging/re-charging and when loading TCTR
5
R
GP_FB2
0
Status of GP_FP2 pin: configured from power
sequencer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com