Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 171Page - National Semiconductor (TI) CS5530A Datasheet HTML 172Page - National Semiconductor (TI) CS5530A Datasheet HTML 173Page - National Semiconductor (TI) CS5530A Datasheet HTML 174Page - National Semiconductor (TI) CS5530A Datasheet HTML 175Page - National Semiconductor (TI) CS5530A Datasheet HTML 176Page - National Semiconductor (TI) CS5530A Datasheet HTML 177Page - National Semiconductor (TI) CS5530A Datasheet HTML 178Page - National Semiconductor (TI) CS5530A Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 259 page
background image
Revision 1.1
175
www.national.com
Register Descriptions (Continued)
Index B8h
DMA Shadow Register (RO)
Reset Value = xxh
7:0
DMA Shadow (Read Only): This 8-bit port sequences through the following list of shadowed DMA Controller registers. At
power on, a pointer starts at the first register in the list and consecutively reads incrementally through it. A write to this reg-
ister resets the read sequence to the first register. Each shadow register in the sequence contains the last data written to
that location.
The read sequence for this register is:
1. DMA Channel 0 Mode Register
2. DMA Channel 1 Mode Register
3. DMA Channel 2 Mode Register
4. DMA Channel 3 Mode Register
5. DMA Channel 4 Mode Register
6. DMA Channel 5 Mode Register
7. DMA Channel 6 Mode Register
8. DMA Channel 7 Mode Register
9. DMA Channel Mask Register (bit 0 is channel 0 mask, etc.)
10. DMA Busy Register (bit 0 or 1 means a DMA occurred within last 1 ms, all other bits are 0)
Index B9h
PIC Shadow Register (RO)
Reset Value = xxh
7:0
PIC Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interrupt Con-
troller registers. At power on, a pointer starts at the first register in the list and consecutively reads incrementally through it.
A write to this register resets the read sequence to the first register. Each shadow register in the sequence contains the last
data written to that location.
The read sequence for this register is:
1. PIC1 ICW1
2. PIC1 ICW2
3. PIC1 ICW3
4. PIC1 ICW4 - Bits [7:5] of ICW4 are always 0
5. PIC1 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
6. PIC1 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
7. PIC2 ICW1
8. PIC2 ICW2
9. PIC2 ICW3
10. PIC2 ICW4 - Bits [7:5] of ICW4 are always 0
11. PIC2 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
12. PIC2 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
Note: To restore OCW2 to shadow register value, write the appropriate address twice. First with the shadow register value,
then with the shadow register value ORed with C0h.
Index BAh
PIT Shadow Register (RO)
Reset Value = xxh
7:0
PIT Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interval Timer
registers. At power on, a pointer starts at the first register in the list and consecutively reads to increment through it. A write
to this register resets the read sequence to the first register. Each shadow register in the sequence contains the last data
written to that location.
The read sequence for this register is:
1. Counter 0 LSB (least significant byte)
2. Counter 0 MSB
3. Counter 1 LSB
4. Counter 1 MSB
5. Counter 2 LSB
6. Counter 2 MSB
7. Counter 0 Command Word
8. Counter 1 Command Word
9. Counter 2 Command Word
Note: The LSB/MSB of the count is the Counter base value, not the current value.
Bits [7:6] of the command words are not used.
Index BBh
RTC Index Shadow Register (RO)
Reset Value = xxh
7:0
RTC Index Shadow (Read Only): The RTC Shadow register contains the last written value of the RTC Index
register (I/O Port 070h).
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com