Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 172Page - National Semiconductor (TI) CS5530A Datasheet HTML 173Page - National Semiconductor (TI) CS5530A Datasheet HTML 174Page - National Semiconductor (TI) CS5530A Datasheet HTML 175Page - National Semiconductor (TI) CS5530A Datasheet HTML 176Page - National Semiconductor (TI) CS5530A Datasheet HTML 177Page - National Semiconductor (TI) CS5530A Datasheet HTML 178Page - National Semiconductor (TI) CS5530A Datasheet HTML 179Page - National Semiconductor (TI) CS5530A Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 259 page
background image
www.national.com
176
Revision 1.1
Register Descriptions (Continued)
Index BCh
Clock Stop Control Register (R/W)
Reset Value = 00h
7:4
PLL Delay: The programmed value in this field sets the delay (in milliseconds) after a break event occurs before the SUSP#
pin is deasserted to the CPU. This delay is designed to allow the clock chip and CPU PLL to stabilize before starting execu-
tion. This delay is only invoked if the STP_CLK bit (bit 0) was set.
The four-bit field allows values from 0 to 15 ms.
0000 = 0 ms
0100 = 4 ms
1000 = 8 ms
1100 = 12 ms
0001 = 1 ms
0101 = 5 ms
1001 = 9 ms
1101 = 13 ms
0010 = 2 ms
0110 = 6 ms
1010 = 10 ms
1110 = 14 ms
0011 = 3 ms
0111 = 7 ms
1011 = 11 ms
1111 = 15 ms
3:1
Reserved: Set to 0.
0
CPU Clock Stop: 0 = Normal SUSP#/ SUSPA# handshake; 1 = Full system Suspend.
Note: This register configures the CS5530A to support a 3 Volt Suspend. Setting bit 0 causes the SUSP_3V pin to assert after the
appropriate conditions, stopping the system clocks. A delay of 0 to 15 ms is programmable (bits 7:4) to allow for a delay for the
clock chip and CPU PLL to stabilize when an event Resumes the system.
A write to the CPU Suspend Command Register (F0 Index AEh) with bit 0 written as:
0 = SUSP#/SUSPA# handshake occurs. The CPU is put into a low-power state, and the system clocks are not stopped. When a
break/resume event occurs, it releases the CPU halt condition.
1 = SUSP#/SUSPA# handshake occurs and the SUSP_3V pin is asserted, thus invoking a full system Suspend (both CPU and
system clocks are stopped). When a break event occurs, the SUSP_3V pin will deassert, the PLL delay programmed in bits [7:4]
will be invoked which allows the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.
Index BDh-BFh
Reserved
Reset Value = xxh
Index C0h-C3h
User Defined Device 1 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 1 (UDEF1) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compara-
tor for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CCh).
Index C4h-C7h
User Defined Device 2 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 2 (UDEF2) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compara-
tor for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CDh).
Index C8h-CBh
User Defined Device 3 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 3 (UDEF3) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compara-
tor for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CEh).
Index CCh
User Defined Device 1 Control Register (R/W)
Reset Value = 00h
7
Memory or I/O Mapped: User Defined Device 1 is: 0 = I/O; 1 = Memory.
6:0
Mask
If bit 7 = 0 (I/O):
Bit 6
0 = Disable write cycle tracking
1 = Enable write cycle tracking
Bit 5
0 = Disable read cycle tracking
1 = Enable read cycle tracking
Bits 4:0
Mask for address bits A[4:0]
If bit 7 = 1 (M/IO):
Bits 6:0
Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) and A[8:0] are ignored.
Note: A “1” in a mask bit means that the address bit is ignored for comparison.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com