Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 169Page - National Semiconductor (TI) CS5530A Datasheet HTML 170Page - National Semiconductor (TI) CS5530A Datasheet HTML 171Page - National Semiconductor (TI) CS5530A Datasheet HTML 172Page - National Semiconductor (TI) CS5530A Datasheet HTML 173Page - National Semiconductor (TI) CS5530A Datasheet HTML 174Page - National Semiconductor (TI) CS5530A Datasheet HTML 175Page - National Semiconductor (TI) CS5530A Datasheet HTML 176Page - National Semiconductor (TI) CS5530A Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 259 page
background image
Revision 1.1
173
www.national.com
Register Descriptions (Continued)
Index 9Eh-9Fh
Keyboard / Mouse Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Keyboard / Mouse Idle Timer Count: The idle timer loaded from this register determines when the keyboard and mouse
are not in use so that the LCD screen can be blanked. The 16-bit value programmed here represents the period of inactivity
for these ports after which the system is alerted via an SMI. The timer is automatically reloaded with the count value when-
ever an access occurs to either the keyboard or mouse I/O address spaces, including the mouse serial port address space
when a mouse is enabled on a serial port. The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[3] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
Index A0h-A1h
User Defined Device 1 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 1 (UDEF1) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF1 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C0h (base address regis-
ter) and F0 Index CCh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[4] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
Index A2h-A3h
User Defined Device 2 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 2 (UDEF2) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF2 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C4h (base address regis-
ter) and F0 Index CDh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[5] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
Index A4h-A5h
User Defined Device 3 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 3 (UDEF3) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF3 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C8h (base address regis-
ter) and F0 Index CEh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[6] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Video Idle Timer Count: The idle timer loaded from this register determines when the graphics subsystem has been idle as
part of the Suspend determination algorithm. The 16-bit value programmed here represents the period of video inactivity
after which the system is alerted via an SMI. The count in this timer is automatically reset whenever an access occurs to the
graphics controller space. The timer uses a 1 second timebase.
In a GX-series processor based system the graphics controller is embedded in the CPU, so video activity is communicated
to the CS5530A via the serial connection (PSERIAL register, bit 0) from the processor. The CS5530A also detects accesses
to standard VGA space on PCI (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) in the event an external VGA controller is being used.
To enable this timer set F0 Index 81h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value = 0000h
15:0
Video Overflow Count: Each time the Video Speedup timer (F0 Index 8Dh) is triggered, a 100 ms timer is started. If the
100 ms timer expires before the Video Speedup timer lapses, the Video Overflow Count Register increments and the 100
ms timer re-triggers. Software clears the overflow register when new evaluations are to begin. The count contained in this
register may be combined with other data to determine the type of video accesses present in the system.
Index AAh-ABh
Reserved
Reset Value = xxh
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com