Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 165Page - National Semiconductor (TI) CS5530A Datasheet HTML 166Page - National Semiconductor (TI) CS5530A Datasheet HTML 167Page - National Semiconductor (TI) CS5530A Datasheet HTML 168Page - National Semiconductor (TI) CS5530A Datasheet HTML 169Page - National Semiconductor (TI) CS5530A Datasheet HTML 170Page - National Semiconductor (TI) CS5530A Datasheet HTML 171Page - National Semiconductor (TI) CS5530A Datasheet HTML 172Page - National Semiconductor (TI) CS5530A Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 259 page
background image
Revision 1.1
169
www.national.com
Register Descriptions (Continued)
Index 8Bh
General Purpose Timer 2 Control Register (R/W)
Reset Value = 00h
7
Re-trigger General Purpose Timer 1 on Secondary Hard Disk Activity: 0 = Disable; 1 = Enable.
Any access to the secondary hard disk drive address range selected in F0 Index 93h[4] reloads GP Timer 1.
6
VGA Timer Base: Selects timebase for VGA Timer Register (F0 Index 8Eh). 0 = 1 ms; 1 = 32 µs.
5
General Purpose Timer 2 Shift: GP Timer 2 is treated as an 8-bit or 16-bit timer. 0 = 8-bit; 1 = 16-bit.
As an 8-bit timer, the count value is loaded into GP Timer 2 Count Register (F0 Index 8Ah).
As a 16-bit timer, the value loaded into GP Timer 2 Count Register is shifted left by eight bits, the lower eight bits become
zero, and this 16-bit value is used as the count for GP Timer 2.
4
General Purpose Timer 1 Shift: GP Timer 1 is treated as an 8-bit or 16-bit timer. 0 = 8-bit; 1 = 16-bit.
As an 8-bit timer, the count value is that loaded into GP Timer 1 Count Register (F0 Index 88h).
As a 16-bit timer, the value loaded into GP Timer 1 Count Register is shifted left by eight bit, the lower eight bits become
zero, and this 16-bit value is used as the count for GP Timer 1.
3
Timebase for General Purpose Timer 2: Selects timebase for GP Timer 2 (F0 Index 8Ah). 0 = 1 sec; 1 = 1 msec.
2
Re-trigger General Purpose Timer 2 on GPIO7 Pin Transition: A configured transition on the GPIO7 pin reloads GP
Timer 2 (F0 Index 8Ah). 0 = Disable; 1 = Enable.
F0 Index 92h[7] selects whether a rising- or a falling-edge transition acts as a reload. For GPIO7 to work here, it must first be
configured as an input (F0 Index 90h[7] = 0).
1:0
Reserved: Set to 0.
Index 8Ch
IRQ Speedup Timer Count Register (R/W)
Reset Value = 00h
7:0
IRQ Speedup Timer Count: This register holds the load value for the IRQ speedup timer. It is loaded into the timer when
Suspend Modulation is enabled (F0 Index 96h[0] = 1) and an INTR or an access to I/O Port 061h occurs. When the event
occurs, the Suspend Modulation logic is inhibited, permitting full performance operation of the CPU. Upon expiration, no SMI
is generated; the Suspend Modulation begins again. The IRQ speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to system interrupts for full-speed interrupt processing. A typical
value here would be 2 to 4 ms.
Index 8Dh
Video Speedup Timer Count Register (R/W)
Reset Value = 00h
7:0
Video Speedup Timer Count: This register holds the load value for the Video speedup timer. It is loaded into the timer
when Suspend Modulation is enabled (F0 Index 96h[0] = 1) and any access to the graphics controller occurs. When a video
access occurs, the Suspend Modulation logic is inhibited, permitting full-performance operation of the CPU. Upon expira-
tion, no SMI is generated; the Suspend Modulation begins again. The video speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to video activity for full speed during video processing calcula-
tions. A typical value here would be 50 to 100 ms.
Index 8Eh
VGA Timer Count Register (R/W)
Reset Value = 00h
7:0
VGA Timer Load Value: This register holds the load value for the VGA timer. The value is loaded into the timer when the
timer is enabled (F0 Index 83h[3] = 1). The timer is decremented with each clock of the configured timebase (F0 Index
8Bh[6]). Upon expiration of the timer, an SMI is generated and the status is reported in F1BAR+Memory Offset 00h/02h[6]
(only). Once expired, this timer must be re-initialized by disabling it (F0 Index 83h[3] = 0) and then enabling it (F0 Index
83h[3] = 1). When the count value is changed in this register, the timer must be re-initialized in order for the new value to be
loaded.
This timer’s timebase is selectable as 1 ms (default) or 32 µs. (F0 Index 8Bh).
Note: Although grouped with the power management Idle Timers, the VGA Timer is not a power management function. It is
not affected by the Global Power Management Enable setting at F0 Index 80h[0].
Index 8Fh
Reserved
Reset Value = xxh
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com