Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) CS5530A Datasheet HTML 165Page - National Semiconductor (TI) CS5530A Datasheet HTML 166Page - National Semiconductor (TI) CS5530A Datasheet HTML 167Page - National Semiconductor (TI) CS5530A Datasheet HTML 168Page - National Semiconductor (TI) CS5530A Datasheet HTML 169Page - National Semiconductor (TI) CS5530A Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 259 page
background image
www.national.com
166
Revision 1.1
Register Descriptions (Continued)
Index 86h
Second Level Power Management Status Mirror Register 3 (RO)
Reset Value = 00h
7
Video Access Trap SMI Status (Read Only): SMI was caused by a trapped I/O access to the Video I/O Trap?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[7].
6
Reserved (Read Only)
5
Secondary Hard Disk Access Trap SMI Status (Read Only): SMI was caused by a trapped I/O access to the
secondary hard disk? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 83h[6].
4
Secondary Hard Disk Idle Timer SMI Status (Read Only): SMI was caused by expiration of Hard Disk Idle Timer Count
Register (F0 Index ACh)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 83h[7].
3
Keyboard/Mouse Access Trap SMI Status (Read Only): SMI was caused by a trapped I/O access to the keyboard or
mouse? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[3].
2
Parallel/Serial Access Trap SMI Status (Read Only): SMI was caused by a trapped I/O access to either the serial or
parallel ports? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[2].
1
Floppy Disk Access Trap SMI Status (Read Only): SMI was caused by a trapped I/O access to the floppy disk?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[1].
0
Primary Hard Disk Access Trap SMI Status (Read Only): SMI was caused by a trapped I/O access to the primary hard
disk? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 82h[0].
Note: This register provides status on the Device Traps to the SMI handler. A bit set here indicates that an access occurred to the
device while the trap was enabled, causing an SMI. It is called a Mirror register since an identical register exists at F0 Index F6h.
Reading this register does not clear the status, while reading its counterpart at F0 Index F6h does clear the status.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com