Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 160Page - National Semiconductor (TI) CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) CS5530A Datasheet HTML 165Page - National Semiconductor (TI) CS5530A Datasheet HTML 166Page - National Semiconductor (TI) CS5530A Datasheet HTML 167Page - National Semiconductor (TI) CS5530A Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 259 page
background image
www.national.com
164
Revision 1.1
Register Descriptions (Continued)
Index 84h
Second Level Power Management Status Mirror Register 1 (RO)
Reset Value = 00h
7:5
Reserved
4
Game Port SMI Status (Read Only): SMI was caused by R/W access to game port (I/O Port 200h and 201h)?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported in F1BAR+Memory Offset 00h/02h[0].
Game Port Read SMI generation enabling is at F0 Index 83h[4].
Game Port Write SMI generation enabling is at F0 Index 53h[3].
3
GPIO7 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO7 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 97h[3].
2
GPIO5 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO5 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 97h[2].
1
GPIO4 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO4 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 97h[1].
0
GPIO3 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO3 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 97h[0].
Note: Properly-configured means that the GPIO pin must be enabled as a GPIO (if multiplexed pin), as an input, and to cause an SMI.
This register provides status on various power management SMI events to the SMI handler. It is called a Mirror register since an
identical register exists at F0 Index F4h. Reading this register does not clear the status, while reading its counterpart at F0 Index
F4hdoesclear thestatus.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com