Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 158Page - National Semiconductor (TI) CS5530A Datasheet HTML 159Page - National Semiconductor (TI) CS5530A Datasheet HTML 160Page - National Semiconductor (TI) CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) CS5530A Datasheet HTML 165Page - National Semiconductor (TI) CS5530A Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 259 page
background image
www.national.com
162
Revision 1.1
Register Descriptions (Continued)
Index 82h
Power Management Enable Register 3 (R/W)
Reset Value = 00h
7
Video Access Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the video address range (sets bit 0 of the GX-series processor’s PSERIAL
register) an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[7].
6
User Defined Device 3 (UDEF3) Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the programmed address range an SMI is generated. UDEF3 address
programming is at F0 Index C8h (base address register) and CEh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[4].
5
User Defined Device 2 (UDEF2) Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the programmed address range an SMI is generated. UDEF2 address
programming is at F0 Index C4h (base address register) and CDh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[3].
4
User Defined Device 1 (UDEF1) Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the programmed address range an SMI is generated. UDEF1 address
programming is at F0 Index C0h (base address register), and CCh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[2].
3
Keyboard/Mouse Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges (listed below) an SMI is generated.
Keyboard Controller: I/O Ports 060h/064h
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included)
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[3].
2
Parallel/Serial Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges (listed below) an SMI is generated.
LPT1: I/O Port 378h-37Fh, 778h-77Ah
LPT2: I/O Port 278h-27Fh, 678h-67Ah
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded)
COM3: I/O Port 3E8h-3EFh
COM4: I/O Port 2E8h-2EFh
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[2].
1
Floppy Disk Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges (listed below) an SMI is generated.
Primary floppy disk: I/O Port 3F2h, 3F4h, 3F5h, or 3F7
Secondary floppy disk: I/O Port 372h, 373h, 375h, or 377h
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[1].
0
Primary Hard Disk Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges selected in F0 Index 93h[5], an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[0].
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com