Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 157Page - National Semiconductor (TI) CS5530A Datasheet HTML 158Page - National Semiconductor (TI) CS5530A Datasheet HTML 159Page - National Semiconductor (TI) CS5530A Datasheet HTML 160Page - National Semiconductor (TI) CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) CS5530A Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 259 page
background image
Revision 1.1
161
www.national.com
Register Descriptions (Continued)
Index 81h
Power Management Enable Register 2 (R/W)
Reset Value = 00h
7
Video Access Idle Timer Enable: Load timer from Video Idle Timer Count Register (F0 Index A6h) and generate an SMI
when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the video address range (sets bit 0 of the GX-series processor’s PSERIAL register) the timer is
reloaded with the programmed count.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
6
User Defined Device 3 (UDEF3) Idle Timer Enable: Load timer from UDEF3 Idle Timer Count Register (F0 Index A4h) and
generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the programmed address range the timer is reloaded with the programmed count.
UDEF3 address programming is at F0 Index C8h (base address register) and CEh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
5
User Defined Device 2 (UDEF2) Idle Timer Enable: Load timer from UDEF2 Idle Timer Count Register (F0 Index A2h) and
generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the programmed address range the timer is reloaded with the programmed count.
UDEF2 address programming is at F0 Index C4h (base address register) and CDh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
4
User Defined Device 1 (UDEF1) Idle Timer Enable: Load timer from UDEF1 Idle Timer Count Register (F0 Index A0h) and
generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the programmed address range the timer is reloaded with the programmed count.
UDEF1 address programming is at F0 Index C0h (base address register) and CCh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
3
Keyboard/Mouse Idle Timer Enable: Load timer from Keyboard/Mouse Idle Timer Count Register (F0 Index 9Eh) and gen-
erate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges (listed below) the timer is reloaded with the programmed count.
Keyboard Controller: I/O Ports 060h/064h
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included)
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
2
Parallel/Serial Idle Timer Enable: Load timer from Parallel/Serial Port Idle Timer Count Register (F0 Index 9Ch) and gen-
erate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges (listed below) the timer is reloaded with the programmed count.
LPT1: I/O Port 378h-37Fh, 778h-77Ah
LPT2: I/O Port 278h-27Fh, 678h-67Ah
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded)
COM3: I/O Port 3E8h-3EFh
COM4: I/O Port 2E8h-2EFh
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[2].
1
Floppy Disk Idle Timer Enable: Load timer from Floppy Disk Idle Timer Count Register (F0 Index 9Ah) and generate an
SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges (listed below) the timer is reloaded with the programmed count.
Primary floppy disk: I/O Port 3F2h, 3F4h, 3F5h, and 3F7
Secondary floppy disk: I/O Port 372h, 373h, 375h, and 377h
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[1].
0
Primary Hard Disk Idle Timer Enable: Load timer from Primary Hard Disk Idle Timer Count Register (F0 Index 98h) and
generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges selected in F0 Index 93h[5], the timer is reloaded with the programmed count.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[0].
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com