Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) CS5530A Datasheet HTML 165Page - National Semiconductor (TI) CS5530A Datasheet HTML 166Page - National Semiconductor (TI) CS5530A Datasheet HTML 167Page - National Semiconductor (TI) CS5530A Datasheet HTML 168Page - National Semiconductor (TI) CS5530A Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 259 page
background image
Revision 1.1
165
www.national.com
Register Descriptions (Continued)
Index 85h
Second Level Power Management Status Mirror Register 2 (RO)
Reset Value = 00h
7
Video Idle Timer SMI Status (Read Only): SMI was caused by expiration of the Video Idle Timer Count Register
(F0 Index A6h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[7].
6
User Defined Device 3 (UDEF3) Idle Timer SMI Status (Read Only): SMI was caused by expiration of the UDEF3 Idle
Timer Count Register (F0 Index A4h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[6].
5
User Defined Device 2 (UDEF2) Idle Timer SMI Status (Read Only): SMI was caused by expiration of the UDEF2 Idle
Timer Count Register (F0 Index A2h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[5].
4
User Defined Device 1 (UDEF1) Idle Timer SMI Status (Read Only): SMI was caused by expiration of the UDEF1 Idle
Timer Count Register (F0 Index A0h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[4].
3
Keyboard/Mouse Idle Timer SMI Status (Read Only): SMI was caused by expiration of the Keyboard/Mouse Idle Timer
Count Register (F0 Index 9Eh)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[3].
2
Parallel/Serial Idle Timer SMI Status (Read Only): SMI was caused by expiration of the Parallel/Serial Port Idle Timer
Count Register (F0 Index 9Ch)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[2].
1
Floppy Disk Idle Timer SMI Status (Read Only): SMI was caused by expiration of the Floppy Disk Idle Timer Count Reg-
ister (F0 Index 9Ah)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[1].
0
Primary Hard Disk Idle Timer SMI Status (Read Only): SMI was caused by expiration of the Primary Hard Disk Idle Timer
Count Register (F0 Index 98h)? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 81h[0].
Note: This register provides status on the Device Idle Timers to the SMI handler. A bit set here indicates that the device was idle for the
duration configured in the Idle Timer Count register for that device, causing an SMI. It is called a Mirror register since an identical
register exists at F0 Index F5h. Reading this register does not clear the status, while reading its counterpart at F0 Index F5h does
clear the status.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com