Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 154Page - National Semiconductor (TI) CS5530A Datasheet HTML 155Page - National Semiconductor (TI) CS5530A Datasheet HTML 156Page - National Semiconductor (TI) CS5530A Datasheet HTML 157Page - National Semiconductor (TI) CS5530A Datasheet HTML 158Page - National Semiconductor (TI) CS5530A Datasheet HTML 159Page - National Semiconductor (TI) CS5530A Datasheet HTML 160Page - National Semiconductor (TI) CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 259 page
background image
www.national.com
158
Revision 1.1
Register Descriptions (Continued)
3
Game Port Write SMI: Allow SMI generation on writes to game port (I/O Port 200h and 201h). 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 84h/F4h[4].
For “Game Port Read SMI”, see F0 Index 83h[4].
2
RTC Enable/RTC Pin Configuration: 0 = SMEMW# (Pin AF3) and SMEMR# (Pin AD4), RTC decode disabled;
1 = RTCCS# (Pin AF3) and RTCALE (Pin AD4), RTC decode enabled.
Note: The RTC Index Shadow Register (F0 Index BBh) is independent of the setting of this bit.
1
Reserved: Set to 1 after register reset. Failure to do this leaves IRQ13 in an unsupported mode.
0
Generate SMI on A20M# toggle: 0 = Disable; 1 = Enable. This bit must be set to 1.
SMI status is reported in F1BAR+Memory Offset 00h/02h[7] (only).
Index 54h-59h
Reserved
Reset Value = xxh
Index 5Ah
Decode Control Register 1 (R/W)
Reset Value = 03h
7
Secondary Floppy Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
372h, 373h, 375h, and 377h. 0 = Subtractive; 1 = Positive.
6
Primary Floppy Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
3F2h, 3F4h, 3F5h, and 3F7h. 0 = Subtractive; 1 = Positive.
5
COM4 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 2E8h-2EFh.
0 = Subtractive; 1 = Positive.
4
COM3 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3E8h-3EFh.
0 = Subtractive; 1 = Positive.
3
COM2 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 2F8h-2FFh.
0 = Subtractive; 1 = Positive.
2
COM1 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3F8h-3FFh.
0 = Subtractive; 1 = Positive.
1
Keyboard Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
060h and 064h (and 062h/066h if enabled). 0 = Subtractive; 1 = Positive.
0
Real Time Clock Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port
070h-7Fh. 0 = Subtractive; 1 = Positive.
Note: Positive decoding by the CS5530A speeds up the I/O cycle time. These I/O Ports do not exist in the CS5530A. It is assumed that
if positive decode is enabled, the port exists on the ISA bus.
Index 5Bh
Decode Control Register 2 (R/W)
Reset Value = 20h
7
Keyboard I/O Port 062h/066h Decode: This alternate port to the keyboard controller is provided in support of the 8051SL
notebook keyboard controller mailbox. 0 = Disable; 1 = Enable.
6
Reserved: Set to 0.
5
BIOS ROM Positive Decode: Selects PCI positive or subtractive decoding for accesses to the configured ROM space.
0 = Subtractive; 1 = Positive.
ROM configuration is at F0 Index 52h[2:0].
4
Secondary IDE Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 170h-
177h and 376h. 0 = Subtractive; 1 = Positive.
Note: Subtractive Decode mode disables this IDE controller entirely and routes any register references to the ISA bus.
3
Primary IDE Controller Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 1F0h-1F7h
and 3F6h. 0 = Subtractive; 1 = Positive.
Note: Subtractive Decode mode disables this IDE controller entirely and routes any register references to the ISA bus.
2
LPT3 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 278h-27Fh.
0 = Subtractive; 1 = Positive.
This bit does not affect 7BCh-7BEh, which is always decoded subtractively.
1
LPT2 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 378h-37Fh.
0 = Subtractive; 1 = Positive.
This bit does not affect 678h-67Ah, which is always decoded subtractively.
0
LPT1 Positive Decode: Selects PCI positive or subtractive decoding for accesses to I/O Port 3BCh-3BFh.
0 = Subtractive; 1 = Positive.
This bit does not affect 778h-77Ah, which is always decoded subtractively.
Note: Positive decoding by the CS5530A speeds up the I/O cycle time. The keyboard, LPT3, LPT2, and LPT1 I/O Ports do not exist in
the CS5530A. It is assumed that if positive decode is enabled, the port exists on the ISA bus.
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com