Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87322VF Datasheet HTML 1Page - National Semiconductor (TI) PC87322VF Datasheet HTML 2Page - National Semiconductor (TI) PC87322VF Datasheet HTML 3Page - National Semiconductor (TI) PC87322VF Datasheet HTML 4Page - National Semiconductor (TI) PC87322VF Datasheet HTML 5Page - National Semiconductor (TI) PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
List of Tables
TABLE 2-1
Default Configurations Controlled by Hardware
14
TABLE 2-2
Index and Data Register Optional Locations
15
TABLE 2-3
Encoded Drive and Motor Pin Information
16
TABLE 2-4
Primary and Secondary Drive Address Selection
16
TABLE 2-5
Parallel Port Addresses
17
TABLE 2-6
COM Port Selection for UART1
17
TABLE 2-7
COM Port Selection for UART2
17
TABLE 2-8
Address Selection for COM3 and COM4
17
TABLE 2-9
Logical Drive Exchange
18
TABLE 3-1
Register Description and Addresses
20
TABLE 3-2
Drive Enable Values
22
TABLE 3-3
Media ID Bit Functions
22
TABLE 3-4
Tape Drive Assignment Values
22
TABLE 3-5
Write Precompensation Delays
23
TABLE 3-6
Default Precompensation Delays
23
TABLE 3-7
Data Rate Select Encoding
24
TABLE 4-1
Typical Format Gap Length Values
33
TABLE 4-2
Typical Values for PC Compatible Diskette Media
33
TABLE 4-3
DENSEL Encoding
35
TABLE 4-4
DENSEL Default Encoding
35
TABLE 4-5
Effect of Drive Mode and Data Rate on Format and Write Commands
36
TABLE 4-6
Effect of GAP and WG on Format and Write Commands
36
TABLE 4-7
Sector Size Selection
36
TABLE 4-8
SK Effect on Read Data Command
37
TABLE 4-9
Result Phase Termination Values with No Error
37
TABLE 4-10
SK Effect on Read Deleted Data Command
38
TABLE 4-11
Maximum Recalibrate Step Pulses Based on R255 and ETR
38
TABLE 4-12
Scan Command Termination Values
39
TABLE 4-13
Status Register 0 Termination Codes
40
TABLE 4-14
Set Track Register Address
40
TABLE 4-15
Step Rate Time (SRT) Values
40
TABLE 4-16
Motor Off Time (MFT) Values
41
TABLE 4-17
Motor On Time (MNT) Values
41
TABLE 4-18
Verify Command Result Phase Table
42
TABLE 6-1
PC87322VF UART Register Addresses (AEN e 0)
50
TABLE 6-2
PC87322VF Register Summary for an Individual UART Channel
51
TABLE 6-3
PC87322VF UART Reset Configuration
52
TABLE 6-4
PC87322VF UART Divisors Baud Rates and Clock Frequencies
53
TABLE 6-5
PC87322VF Interrupt Control Functions
55
TABLE 7-1
Parallel Interface Register Addresses
56
TABLE 7-2
SPP Data Register Read and Write Modes
56
TABLE 7-3
Parallel Port Reset States
57
TABLE 7-4
EPP Registers
58
TABLE 7-5
Parallel Port Pin Out
61
TABLE 8-1
IDE Registers and Their ISA Addresses
62
TABLE 9-1
Nominal tICP tDRP Values
65
TABLE 9-2
Minimum tWDW Values
72
TABLE 10-1
PC87322VF Four Floppy Drive Encoding
77
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com