Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87322VF Datasheet HTML 1Page - National Semiconductor (TI) PC87322VF Datasheet HTML 2Page - National Semiconductor (TI) PC87322VF Datasheet HTML 3Page - National Semiconductor (TI) PC87322VF Datasheet HTML 4Page - National Semiconductor (TI) PC87322VF Datasheet HTML 5Page - National Semiconductor (TI) PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
TLC11870
PRELIMINARY
June 1994
PC87322VF (SuperIO
TM III)
Floppy Disk Controller with Dual UARTs
Enhanced Parallel Port and IDE Interface
General Description
The PC87322VF incorporates a Floppy Disk Controller
(FDC) two full function UARTs an enhanced parallel port
and IDE interface control logic in one chip The PC87322VF
includes standard AT address decoding for on-chip func-
tions and a Configuration Register set offering a single chip
solution to the most commonly used ISA EISA and Micro-
Channel
peripherals
The on-chip FDC is software compatible to the PC8477
which contains a superset of the mDP8473 and NEC
m
PD765 and the N82077 floppy disk controller functions
The on-chip analog data separator requires no external
components and supports the 4 MB drive format as well as
the other standard floppy drives used with 525
and 35
media Automatic media sense support is provided
In the PC87322VF the UARTs are equivalent to two
NS16450s or PC16550s The bidirectional parallel port
maintains complete compatibility with the ISA EISA and
MicroChannel parallel ports The enhanced parallel port is
compatible with the IEEE 1284 standard and also supports
EPP Ver 17
The IDE control logic provides a complete IDE interface
with DMA support except for the signal buffers The Config-
uration Registers consist of five byte-wide registers An In-
dex and a Data Register which can be relocated within the
ISA IO address space access the Configuration Registers
Features
Y
100% compatible with ISA EISA and MicroChannel
architectures
Y
Floppy Disk Controller
Software compatible with the DP8473 the 765A and
the N82077
16-byte FIFO (default disabled)
Burst and Non-Burst modes
Perpendicular Recording drive support
High performance internal analog data separator (no
external filter components required)
Low power CMOS with power-down mode
Automatic media sense support
Y
The UARTs
Software
compatible
with
the
PC16550A
and
PC16450
Y
The Bidirectional Parallel Port
Enhanced Parallel Port (EPP) compatible
Bidirectional under either software or hardware
control
Compatible with ISA EISA and MicroChannel
architectures
Ability to multiplex FDC signals on parallel port pins
for external FDC
Includes protection circuit against damage caused
when printer is powered-up
Y
The IDE Control Logic
Provides a complete IDE interface with DMA control
(except for optional buffers)
Y
The Address Decoder
Provides selection of all primary and secondary ISA
addresses including COM 1 – 4
Y
100-pin PQFP package
The PC87322VF is pin compatible with the PC87312
Block Diagram
TLC11870 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
IBM
MicroChannel
and PS2
are registered trademarks of International Business Machines Corporation
SuperIOTM is a trademark of National Semiconductor Corporation
is a registered trademark of International Business Machines Corporation
C1995 National Semiconductor Corporation
RRD-B30M65Printed in U S A


Similar Part No. - PC87322VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303 NSC-PC87303 Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87306VUL NSC-PC87306VUL Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
More results

Similar Description - PC87322VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87311A NSC-PC87311A Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87332VLJ NSC-PC87332VLJ Datasheet
887Kb / 98P
PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
List of Unclassifed Man...
FDC9266 ETC2-FDC9266 Datasheet
1Mb / 16P
SINGLE/DOUBLE DENSITY ENHANCED FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com