Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 43Page - National Semiconductor (TI) PC87322VF Datasheet HTML 44Page - National Semiconductor (TI) PC87322VF Datasheet HTML 45Page - National Semiconductor (TI) PC87322VF Datasheet HTML 46Page - National Semiconductor (TI) PC87322VF Datasheet HTML 47Page - National Semiconductor (TI) PC87322VF Datasheet HTML 48Page - National Semiconductor (TI) PC87322VF Datasheet HTML 49Page - National Semiconductor (TI) PC87322VF Datasheet HTML 50Page - National Semiconductor (TI) PC87322VF Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
50 FDC Functional Description (Continued)
The FDC internal analog data separator has a much better
performance than comparable digital data separator de-
signs and does not require any external components
Note
The dynamic window margin curves were generated using a FlexStar
FS-540 Floppy Disk Simulator and a proprietary dynamic window mar-
gin test program written by National Semiconductor
The controller takes best advantage of the internal analog
data separator by implementing a sophisticated read algo-
rithm This ID search algorithm shown in
Figure 5-3 en-
hances the PLL’s lock characteristics by forcing the PLL to
relock to the crystal reference frequency any time the data
separator attempts to lock to a non-preamble pattern This
algorithm ensures that the PLL is not thrown way out of lock
by write splices or bad data fields
55 CRYSTAL OSCILLATOR
The FDC is clocked by a single 24 MHz signal An on-chip
oscillator is provided to enable the attachment of a crystal
or a clock signal
A parallel resonant crystal is preferred if at all possible In
some cases a series resonant crystal can be used but care
must be taken to ensure that the crystal does not oscillate
at a sub-harmonic frequency The oscillator is able to work
with high profile low profile and surface mount type crystal
enclosures External bypass capacitors (5 pF to 10 pF)
should be connected from XTAL1 and XTAL2 to GND If an
external oscillator circuit is used it must have a duty cycle of
at least 40% – 60% and minimum input levels of 24V and
250 kbs
TLC11870 – 12
300 kbs
TLC11870 – 13
500 kbs
TLC11870 – 14
1 Mbs
TLC11870 – 15
FIGURE 5-2 PC87322VF Dynamic Window Margin Performance
(Typical performance at VDD e 50V 25 C)
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com