Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 55Page - National Semiconductor (TI) PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) PC87322VF Datasheet HTML 57Page - National Semiconductor (TI) PC87322VF Datasheet HTML 58Page - National Semiconductor (TI) PC87322VF Datasheet HTML 59Page - National Semiconductor (TI) PC87322VF Datasheet HTML 60Page - National Semiconductor (TI) PC87322VF Datasheet HTML 61Page - National Semiconductor (TI) PC87322VF Datasheet HTML 62Page - National Semiconductor (TI) PC87322VF Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
70 Parallel Port (Continued)
3 If WAIT is low during the host read cycle then the EPP
pulls IOCHRDY low
When WAIT goes high the EPP stops pulling IOCHRDY
to low
4 When IOCHRDY goes high it causes RD to go high If
WAIT is high during the host read cycle then the EPP
does not pull IOCHRDY to low
5 When RD goes high it causes the EPP to pull ASTRB
high
Only when ASTRB is high can the EPP change PD0 – 7
After ASTRB goes high the EPP TRI-STATEs D0 – 7
TLC11870 – 23
FIGURE 7-2 EPP 17 Address Read
EPP 17 Data Write and Data Read
This procedure writes to the selected peripheral device or
register
An EPP 17 data write operation is similar to the EPP 17
address write operation and an EPP 17 data read opera-
tion is similar to the EPP 17 address read operation except
that the data strobe (DSTRB signal) and a data register
replace the address strobe (ASTRB signal) and the address
register respectively
EPP Zero Wait State (ZWS) Address Write Operation
(both 17 and 19)
The following procedure performs a short write to the se-
lected peripheral device or register
ZWS should be configured as follows bit 5 of FCR is 1 and
bit 6 of FCR is 0
1 The host writes a byte to the EPP address register WR
goes low to latch D0 – 7 into the data register The latch
drives the data register onto PD0 – 7
2 The EPP first pulls WRITE low and then pulls ASTRB low
to indicate that data has been sent
3 If WAIT is high during the host write cycle ZWS goes low
and IOCHRDY goes high
4 When the host pulls WR high the EPP pulls ASTRB
ZWS and WRITE to high
Only when WRITE and ASTRB are high can the EPP
change PD0 – 7
5 If the peripheral is fast enough to pull WAIT low before
the host terminates the write cycle
the EPP pulls
IOCHRDY to low but does not pull ZWS to low thus
carrying out a normal (non-ZWS EPP 17) write operation
EPP Zero Wait State (ZWS) Data Write Operation (both
17 and 19)
An EPP 17 and 19 Zero Wait State data write operation is
similar to the EPP Zero Wait State address write operation
with the exception that the data strobe (DSTRB signal) and
a data register replace the address strobe (ASTRB) signal
and the address register respectively
TLC11870 – 24
FIGURE 7-3 EPP Write with ZWS
EPP 19 Address Write
The following procedure selects a peripheral or register
1 The host writes a byte to the EPP address register
2 The EPP pulls IOCHRDY low and waits for WAIT to go
low
3 When WAIT goes low the EPP pulls WRITE to low and
drives the latched byte onto PD0 – 7
If WAIT was already low steps 2 and 3 occur concurrent-
ly
4 The EPP pulls ASTRB low and waits for WAIT to go high
5 When WAIT goes high the EPP stops pulling IOCHRDY
low pulls ASTRB high and waits for WAIT to go low
6 Only if no EPP write is pending when WAIT goes low (or
when bit 7 of PTR is 1 and the direction is changed to
Backwards by setting bit 5 of CTR to 1) the EPP pulls
WRITE to high
If an EPP write is pending WRITE remains low and the
EPP may change PD0 – 7
TLC11870 – 25
FIGURE 7-4 EPP 19 Address Write
EPP 19 Address Read
The following procedure reads from the address register
1 The host reads a byte from the EPP address register
When RD goes low the EPP pulls IOCHRDY low and
waits for WAIT to go low
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com