Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 51Page - National Semiconductor (TI) PC87322VF Datasheet HTML 52Page - National Semiconductor (TI) PC87322VF Datasheet HTML 53Page - National Semiconductor (TI) PC87322VF Datasheet HTML 54Page - National Semiconductor (TI) PC87322VF Datasheet HTML 55Page - National Semiconductor (TI) PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) PC87322VF Datasheet HTML 57Page - National Semiconductor (TI) PC87322VF Datasheet HTML 58Page - National Semiconductor (TI) PC87322VF Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
60 Serial Ports (Continued)
TABLE 6-5 PC87322VF Interrupt Control Functions
FIFO Mode
Interrupt Identification
Interrupt Set and Reset Functions
Only
Register
Bit 3
Bit 2
Bit 1
Bit 0
Priority
Interrupt Type
Interrupt Source
Interrupt Reset Control
Level
0
0
0
1
None
None
0
1
1
0
Highest Receiver Line Status
Overrun Error Parity Error
Reading the Line
Framing Error or Break
Status Register
Interrupt
0
1
0
0
Second Received Data Available Receiver Data Available
Read Receiver Buffer
1
1
0
0
Second Character
No Characters have been
Reading the Receiver
Time-Out
removed from or input to the
Buffer Register
Indication
RCVR FIFO during the last 4
char times and there is at least
1 char in it during this time
0
0
1
0
Third
Transmitter Holding
Transmitter Holding
Reading the IIR Register
Register Empty
Register Empty
(if Source of Interrupt) or
Writing the Transmitter
Holding Register
0
0
0
0
Fourth MODEM Status
Clear to Send or Data Set
Reading the MODEM
Ready or Ring Indicator
Status Register
or Data Carrier Detect
Bit 3
This bit enables the interrupt when set No exter-
nal pin is associated with this bit other than
IRQ34 In Local Loopback Mode this bit controls
bit 7 of the MODEM Status Register
Bit 4
This bit provides a Local loopback feature for diag-
nostic testing of the UART When bit 4 is set to
logic 1 the following occur the transmitter Serial
Output (SOUT) is set to the Marking (logic 1) state
the receiver Serial Input (SIN) is disconnected the
output of the Transmitter Shift Register is ‘‘looped
back’’ (connected) to the Receiver Shift Register
the four MODEM Control inputs (DSR CTS RI
and DCD) are disconnected and the DTR RTS
OUT1 IRQ ENABLE bits in MCR are internally
connected to DSR CTS RI and DCD in MSR re-
spectively The MODEM Control output pins are
forced to their high (inactive) states In the Loop-
back Mode data that is transmitted is immediately
received This feature allows the processor to veri-
fy the transmit-and-received-data paths of the seri-
al port
In the Loopback Mode the receiver and transmit-
ter interrupts are fully operational The MODEM
Status Interrupts are also operational but the in-
terrupts’ sources are the lower four bits of MCR
instead of the four MODEM control inputs Writing
a 1 to any of these 4 MCR bits will cause an inter-
rupt In Loopback Mode the interrupts are still con-
trolled by the Interrupt Enable Register The IRQ3
and IRQ4 pns will be TRI-STATE in the Loopback
Mode
Bits 5 – 7
These bits are permanently set to logic 0
629 Modem Status Register (MSR)
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information
four bits of the
MODEM Status Register provide change information These
bits are set to a logic 1 whenever a control input from the
MODEM changes state They are reset to logic 0 whenever
the CPU reads the MODEM Status Register Table 6-2
shows the contents of the MSR Details on each bit follow
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
Bit 0 indicates that the CTS input to the chip has
changed state since the last time it was read by the
CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indica-
tor Bit 1 indicates that the DSR input to the chip has
changed state since the last time it was read by the
CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector Bit 2 indicates that the RI input to the chip
has changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) in-
dicator Bit 3 indicates that the DCD input to the
chip has changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status
Interrupt is generated
Bit 4
This bit is the complement of the Clear to Send
(CTS) input If bit 4 (loopback) of the MCR is set to a
1 this bit is equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to a 1 this bit
is equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to a 1 this bit is
equivalent to OUT1 in the MCR
Bit 7
This bit is the complement of the Data Carrier De-
tect (DCD) input If bit 4 of the MCR is set to a 1 this
bit is equivalent to IRQ ENABLE in the MCR
6210 Scratchpad Register (SCR)
This 8-bit ReadWrite Register does not control the UART
in any way It is intended as a scratchpad register to be used
by the programmer to hold data temporarily
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com