Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 36Page - National Semiconductor (TI) PC87322VF Datasheet HTML 37Page - National Semiconductor (TI) PC87322VF Datasheet HTML 38Page - National Semiconductor (TI) PC87322VF Datasheet HTML 39Page - National Semiconductor (TI) PC87322VF Datasheet HTML 40Page - National Semiconductor (TI) PC87322VF Datasheet HTML 41Page - National Semiconductor (TI) PC87322VF Datasheet HTML 42Page - National Semiconductor (TI) PC87322VF Datasheet HTML 43Page - National Semiconductor (TI) PC87322VF Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
40 FDC Command Set Description (Continued)
change in status of any disk drive Four possible causes of
the interrupt are
1 Upon entering the Result Phase of
a
Read Data command
b
Read Deleted Data command
c
Read a Track command
d
Read ID command
e
Write Data command
f
Write Deleted Data command
g
Format command
h
Scan command
i
Verify command
2 During data transfers in the Execution Phase while in the
Non-DMA mode
3 Ready Changed State during the polling mode for an in-
ternally selected drive (Occurs only after a hardware or
software reset)
4 Seek Relative Seek or Recalibrate termination
An interrupt due to reasons 1 and 2 does not require the
Sense Interrupt command and is cleared automatically This
interrupt occurs during normal command operations and is
easily discernible by the mP via the MSR This interrupt is
cleared reading or writing information fromto the Data Reg-
ister (FIFO)
Interrupts caused by reasons 3 and 4 are identified with the
aid of the Sense Interrupt command The interrupt is cleared
after the first result byte has been read Use bits 5 6 and 7
of ST0 to identify the cause of the interrupt as shown in
Table 4-13
TABLE 4-13 Status Register 0 Termination Codes
Status Register 0
Cause
Interrupt
Seek
Code
End
D7
D6
D5
1
1
0
Internal Ready Went True
0
0
1
Normal Seek Termination
0
1
1
Abnormal Seek Termination
Issuing a Sense Interrupt command without an interrupt
pending is treated as an Invalid command If the extended
track range mode is enabled a third byte should be read in
the Result Phase which will indicate the four most signifi-
cant bits of the present track number Otherwise only two
result bytes should be read
4219 Set Track Command
This command is used to inspect or change the value of the
internal Present Track Register This could be useful for re-
covery from disk mis-tracking errors where the real current
track could be read through the Read ID command and
then the Set Track command could be used to set the inter-
nal Present Track Register to the correct value
If the WNR bit is a 0 a track register is to be read In this
case the Result Phase byte contains the value in the inter-
nal register specified and the third byte in the Command
Phase is a dummy byte
If the WNR bit is a 1 data is written to a track register In this
case the third byte of the Command Phase is written to the
specified internal track register and the Result Phase byte
contains this new value
The DS1 and DS0 bits select the Present Track Register for
the particular drive The internal register address depends
on MSB DS1 and DS0 as shown in Table 4-14 This com-
mand does not generate an interrupt
TABLE 4-14 Set Track Register Address
DS1
DS0
MSB
Register Addressed
0
0
0
PTR0 (LSB)
0
0
1
PTR0 (MSB)
0
1
0
PTR1 (LSB)
0
1
1
PTR1 (MSB)
1
0
0
PTR2 (LSB)
1
0
1
PTR2 (MSB)
1
1
0
PTR3 (LSB)
1
1
1
PTR3 (MSB)
4220 Specify Command
The Specify command sets the initial values for three inter-
nal timers The function of these Specify parameters is de-
scribed below The parameters of this command are unde-
fined after power-up and are unaffected by any reset Thus
software should always issue a Specify command as part of
an initialization routine This command does not generate
an interrupt
The Motor Off and Motor On timers are artifacts of the
m
PD765 These timers determine the delay from selecting a
drive motor until a read or write operation is started and the
delay of deselecting the drive motor after the command is
completed Since the FDC enables the drive and motor se-
lect line directly through the DOR these timers only provide
some delay from the initiation of a command until it is actu-
ally started
Step Rate Time
These four bits define the time interval
between successive step pulses during a seek implied
seek recalibrate or relative seek The programming of this
step rate is shown in Table 4-15
TABLE 4-15 Step Rate Time (SRT) Values
Data Rate
Value
Range
Units
1 Mbs
(16 b SRT)2
05 – 8
ms
500 kbs
(16 b SRT)
1 – 16
ms
300 kbs
(16 b SRT) c 167
167 – 267
ms
250 kbs
(16 b SRT) c 2
2–32
ms
Motor Off Time
These four bits determine the simulated
Motor Off time as shown in Table 4-16
Motor On Time
These seven bits determine the simulated
Motor On time as shown in Table 4-17
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com