Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) PC87322VF Datasheet HTML 10Page - National Semiconductor (TI) PC87322VF Datasheet HTML 11Page - National Semiconductor (TI) PC87322VF Datasheet HTML 12Page - National Semiconductor (TI) PC87322VF Datasheet HTML 13Page - National Semiconductor (TI) PC87322VF Datasheet HTML 14Page - National Semiconductor (TI) PC87322VF Datasheet HTML 15Page - National Semiconductor (TI) PC87322VF Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
WAIT
84
I
Wait
This signal is used in EPP mode by the parallel port device to extend its access cycle It is active
low (See BUSY and Table 7-5 for further information)
WR
18
I
Write
Active low input to signal a write from the microprocessor to the controller
WDATA
39
O
Write Data
This output is the write precompensated serial data that is written to the selected floppy disk
drive Precompensation is software selectable
83
O
Write Data
This pin provides an additional Write Data signal in PPM Mode when PNF e 0 (See PE and
Table 7-5 for further information)
WGATE
38
O
Write Gate
This output signal enables the write circuitry of the selected disk drive WGATE has been
designed to prevent glitches during power-up and power-down This prevents writing to the disk when
power is cycled
82
O
Write Gate
This pin provides an additional Write Gate signal in PPM Mode when PNF e 0 (See SLCT and
Table 7-5 for further information)
WP
36
I
Write Protect
This input indicates that the disk in the selected drive is write protected
92
I
Write Protect
This pin provides an additional Write Protect signal in PPM Mode when PNF e 0 (See PD2
and Table 7-5 for further information)
WRITE
95
O
Write Strobe
This signal is used in EPP mode as write strobe It is active low (See STB and Table 7-5 for
further information)
X1OSC
7
I
Crystal1Clock
One side of an external 24 MHz crystal is attached here If a crystal is not used a TTL or
CMOS compatible clock is connected to this pin
X2
8
O
Crystal2
One side of an external 24 MHz crystal is attached here This pin is left unconnected if an
external clock is used
ZWS
3O
Zero Wait State
This pin is the Zero Wait State open drain output pin when bit 6 of FCR is 0 ZWS is
driven low when the EPP is written and the access can be shortened This pin is either PWDN or CSOUT
when bit 6 of FCR is 1 (See the PWDN and CSOUT pins for further information)
20 Configuration Registers
21 OVERVIEW
Five registers constitute the Base Configuration Register set
which controls the set-up of the PC87322VF In general
these registers control the enabling of each major function
(eg FDC UARTs parallel port pin functionality etc) the
IO addresses of those functions and whether those func-
tions power-down via hardware control or not These five
configuration registers are the Function Enable Register
(FER) the Function Address Register (FAR) the Power and
Test Register (PTR) Function Control Register (FCR) and
Printer Control Register (PCR)
The first three registers can be accessed via hardware or
software During reset the PC87322VF loads a set of de-
fault values selected by a hardware strapping option into the
first three Configuration Registers FCR and PCR can only
be accessed by software
An index and data register pair are used to read and write
these registers Each Configuration Register is pointed to
the value loaded into the Index Register The data to be
written into the Configuration Register is transferred via the
Data register A Configuration Register is read in a similar
way (ie by pointing to it via the Index Register and then
reading its contents via the Data Register)
Accessing the Configuration Registers in this way requires
only two system IO addresses Since that IO space is
shared by other devices the Index and Data Registers could
still be inadvertantly accessed even though there are only
two registers in this IO address space To reduce the
chances of an inadvertent access a simple procedure (Sec-
tion 22) has been developed
22 SOFTWARE CONFIGURATION
If the system requires access to the Configuration Registers
after reset the following procedure is used to change data
in the registers
1 Determine the default location of the PC87322VF Index
Register
A Check the two possible default locations (see Table
2-1) by reading them twice The first byte is the ID byte
(88h) The second byte read is always 00h Compare
the data read with the ID byte and then 00h A match
will occur at the correct location Note that the ID byte
is only issued from the Index Register during the first
read after a reset Subsequent reads return the value
loaded into the Index Register Bits 3 – 6 are reserved
and always read 0
2 Load the Configuration Registers
A Disable CPU interrupts
B Write the index of the Configuration Register (00h –
04h) to the Index Register one time
C Write the correct data for the Configuration Register in
two consecutive write accesses to the Data Register
D Enable CPU interrupts
3 Load the Configuration Registers (read-modify-write)
A Disable CPU interrupts
B Write the index of the Configuration Register (00h –
04h) to the Index Register one time
C Read the configuration data in that register via the
Data Register
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com