Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 12Page - National Semiconductor (TI) PC87322VF Datasheet HTML 13Page - National Semiconductor (TI) PC87322VF Datasheet HTML 14Page - National Semiconductor (TI) PC87322VF Datasheet HTML 15Page - National Semiconductor (TI) PC87322VF Datasheet HTML 16Page - National Semiconductor (TI) PC87322VF Datasheet HTML 17Page - National Semiconductor (TI) PC87322VF Datasheet HTML 18Page - National Semiconductor (TI) PC87322VF Datasheet HTML 19Page - National Semiconductor (TI) PC87322VF Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
20 Configuration Registers (Continued)
Bit 3
When this bit is one the FDC can be accessed at the
address specified in the FER bits When this bit is zero
access to the FDC is blocked and it will be in power-
down mode The FDC registers retain all data in pow-
er-down mode
Bit 4
When this bit is zero the PC87322VF can control two
floppy disk drives directly without an external decoder
When this bit is one the two drive select signals and
two motor enable signals from the FDC are encoded
so that four floppy disk drives can be controlled (see
Table 2-3) Controlling four FDDs requires an external
decoder The pin states shown in Table 2-3 are a di-
rect result of the bit patterns shown All other bit pat-
terns produce pin states that should not be decoded
to enable any drive or motor
Bit 5
This bit selects the primary or secondary FDC ad-
dress
Bit 6
When this bit is a one the IDE drive interface can be
accessed at the address specified by FER bit 7 When
it is zero access to the IDE interface is blocked the
IDE control signals (ie HCS0 HCS1 IDELO IDEHI)
are held in the inactive state and the IDED7 signal will
be in TRI-STATE
Bit 7
This bit selects the primary or secondary IDE address
(See Table 2-4)
TABLE 2-3 Encoded Drive and Motor Pin Information (FER 4 e 1)
Digital Output Register
Drive Control Pins
Decoded Functions
7
6
5
4
3
2
1
0
MTR1
MTR0
DR1
DR0
XXX
1
X
X
0
0
(Note 1)
0
0
0
Activate Drive 0 and Motor 0
XX
1
X
X
X
0
1
(Note 1)
0
0
1
Activate Drive 1 and Motor 1
X
1
X
X
X
X
1
0
(Note 1)
0
1
0
Activate Drive 2 and Motor 2
1
X
X
X
X
X
1
1
(Note 1)
0
1
1
Activate Drive 3 and Motor 3
XXX
0
X
X
0
0
(Note 1)
1
0
0
Activate Drive 0 and Deactivate Motor 0
XX
0
X
X
X
0
1
(Note 1)
1
0
1
Activate Drive 1 and Deactivate Motor 1
X
0
X
X
X
X
1
0
(Note 1)
1
1
0
Activate Drive 2 and Deactivate Motor 2
0
X
X
X
X
X
1
1
(Note 1)
1
1
1
Activate Drive 3 and Deactivate Motor 3
Note 1
When FER4 e 1 MTR1 will present a pulse that is the inverted image of the IOW strobe This inverted pulse will be activated whenever an IO write to
address 3F2h or 372h takes place This pulse is delayed by 25 ns–80 ns after the leading edge of IOW and its leading edge can be used to clock data into an
external latch (eg 74LS175) Address 3F2h will be used if the FDC is located at the primary address (FER5 e 0) and address 372h will be used if the FDC is
located at the secondary address (FER5 e 1)
TABLE 2-4 Primary and Secondary Drive Address Selection
BIT 5
BIT 7
DRIVE
AT
AT
Primary
Secondary
0
X
FDC
3F0 – 7h
1
X
FDC
370 – 7h
X
X
FDC
X
0
IDE
1F0 – 7 3F6 3F7h
X
1
IDE
170 – 7 376 7h
X
X
IDE
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com