Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) PC87322VF Datasheet HTML 10Page - National Semiconductor (TI) PC87322VF Datasheet HTML 11Page - National Semiconductor (TI) PC87322VF Datasheet HTML 12Page - National Semiconductor (TI) PC87322VF Datasheet HTML 13Page - National Semiconductor (TI) PC87322VF Datasheet HTML 14Page - National Semiconductor (TI) PC87322VF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
RDATA
35
I
Read Data
This input is the raw serial data read from the floppy disk drive
91
I
Read Data
This pin provides an additional Read Data signal in PPM Mode when PNF e 0 (See PD3
and Table 7-5 for further information)
RI12
70 62
I
Ring Indicator
When low this indicates that a telephone ringing signal has been received by the
MODEM The RI signal is a MODEM status input whose condition the CPU can test by reading bit 6 (RI)
of the MODEM Status Register (MSR) for the appropriate serial channel Bit 6 is the complement of the
RI signal Bit 2 (TERI) of the MSR indicates whether the RI input has changed from low to high since the
previous reading of the MSR
Note
Whenever the TERI bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
RTS12
74 66
O
Request to Send
When low this output indicates to the MODEM or data set that the UART is ready to
exchange data The RTS signal can be set to an active low by programming bit 1 (RTS) of the MODEM
Control Register to a high level A Master Reset operation sets this signal to its inactive (high) state
Loop mode operation holds this signal to its inactive state (See CFG0 – 4 for further information)
SIN12
75 67
I
Serial Input
This input receives composite serial data from the communications link (peripheral device
MODEM or data set)
SLCT
82
I
Select
This input is set high by the printer when it is selected This pin has a nominal 25 kX pull-down
resistor attached to it
SLIN
81
O
Select Input
When this signal is low it selects the printer This pin will be in a TRI-STATE condition
10 ns after a zero is loaded into the corresponding Control Register bit The system should pull this pin
high using a 47 kX resistor (See ASTRB STEP and Table 75 for further information)
SOUT12
73 65
O
Serial Output
This output sends composite serial data to the communications link (peripheral device
MODEM or data set) The SOUT signal is set to a marking state (logic 1) after a Master Reset
operation (See BOUT and CFG0 – 4 for further information)
STB
95
IO
Data Strobe
This output indicates to the printer that valid data is available at the printer port This pin
will be in a TRI-STATE condition 10 ns after a zero is loaded into the corresponding Control Register bit
The system should pull this pin high using a 47 kX resistor (See WRITE for further information)
STEP
40
O
Step
This output signal issues pulses to the disk drive at a software programmable rate to move the
head during a seek operation
81
O
Step
This pin provides an additional step signal in PPM Mode when PNF e 0 (See SLIN ASTRB and
Table 7-5 for further information)
TC
6
I
Terminal Count
Control signal from the DMA controller to indicate the termination of a DMA transfer
TC is accepted only when DACK is active TC is active high in PC-AT and Model 30 modes and active
low in PS2 mode
TRK0
37
I
Track 0
This input indicates to the controller that the head of the selected floppy disk drive is at track
zero
93
I
Track 0
This pin provides an additional Track 0 signal in PPM Mode when PNF e 0 (See PD1 and
Table 7-5 for further information)
VDDA
33
Analog Supply
This pin is the 5V supply for the analog data separator
VDDBC
50 99
Digital Supply
This is the 5V supply voltage for the digital circuitry
VLD01
56 63
I
Valid Data
These input pins are sensed during reset and determine the state of bit 5 in the FDC Tape
Drive Register (3F3h) Thus they determine whether bits 6 and 7 of this register contain valid media ID
information for floppy drives 0 and 1 If VLD0 is sensed low at reset then whenever drive 0 is accessed
bit 5 of the Tape Drive Register is a 0 indicating that bits 6 and 7 contain valid media ID information If
VLD0 is sensed high at reset then whenever drive 0 is accessed bit 5 of the Tape Drive Register is a 1
indicating that bits 6 and 7 do not contain valid media ID information The same is true of VLD1 relative
to the media ID information for drive 1 If bit 0 of FCR is 1 the VLD bits have no meaning VLD0 value
during reset is loaded into bit 0 of FCR (to select between media sense or DRATE) A 30 kX internal
pull-down resistor is on each pin Use a 10 kX resistor to pull these pins to high during reset
VSSA
31
Analog Ground
This is the analog ground for the data separator
VSSB-E
42 9
Digital Ground
This is the ground for the digital circuitry
90 61
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com