Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 53Page - National Semiconductor (TI) PC87322VF Datasheet HTML 54Page - National Semiconductor (TI) PC87322VF Datasheet HTML 55Page - National Semiconductor (TI) PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) PC87322VF Datasheet HTML 57Page - National Semiconductor (TI) PC87322VF Datasheet HTML 58Page - National Semiconductor (TI) PC87322VF Datasheet HTML 59Page - National Semiconductor (TI) PC87322VF Datasheet HTML 60Page - National Semiconductor (TI) PC87322VF Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
70 Parallel Port (Continued)
Bit 4
This bit represents the current state of the printer se-
lect signal (SLCT) The printer sets this bit high when it
is selected This bit follows the state of the SLCT pin
Bit 5
This bit represents the current state of the printer pa-
per end signal (PE) The printer sets this bit high when
it detects the end of the paper This bit follows the
state of the PE pin
Bit 6
This bit represents the current state of the printer ac-
knowledge signal (ACK) The printer pulses this signal
low after it has received a character and is ready to
receive another one This bit follows the state of the
ACK pin
Bit 7
This bit (BUSY) represents the current state of the
printer busy signal The printer sets this bit low when it
is busy and cannot accept another character This bit
is the inverse of the (BUSYWAIT) pin
74 CONTROL REGISTER (CTR)
TLC11870 – 21
This register provides all output signals to control the print-
er It is a read and write register except for bit 5
Bit 0
This bit (STB) directly controls the data strobe sig-
nal to the printer via the STB pin This bit is the
inverse of the STB pin
Bit 1
This bit (AFD) directly controls the automatic feed
XT signal to the printer via the AFD pin Setting this
bit high causes the printer to automatically feed
after each line is printed This bit is the inverse of
the AFD pin
Bit 2
This bit (INIT) directly controls the signal to initial-
ize the printer via the INIT pin Setting this bit to
low initializes the printer This bit follows the INIT
pin
Bit 3
This bit (SLIN) directly controls the select in signal
to the printer via the SLIN pin Setting this bit high
selects the printer This bit is the inverse of the
SLIN pin
Bit 4
This bit enables the parallel port interrupt Setting
this bit low puts IRQ57 into TRI-STATE and clears
any pending interrupts
In the AT Compatible
Mode or in EPP mode when bit 4 of PCR is 0
when this bit is set high the appropriate IRQ signal
follows the ACK signal transitions (pulse interrupt)
In the Extended Mode or in EPP mode when bit 4
of PCR is 1 when this bit is set high the appropri-
ate IRQ signal should set high on the 0 to 1 tran-
sition of the ACK signal (level interrupt)
Bit 5
This bit determines the parallel port direction when
bit 7 of PTR is 1 The default condition results in
the parallel port being in the output mode This is a
ReadWrite
bit in EPP mode In SPP mode it is a
write only bit a read from it will return 1 See Table
7-2 for further details
Bits 6 7
Reserved These bits are always 1
TABLE 7-3 Parallel Port Reset States
Signal
Reset Control
State after Reset
SLIN
MR
TRI-STATE
INIT
MR
Zero
AFD
MR
TRI-STATE
STB
MR
TRI-STATE
IRQ5 7
MR
TRI-STATE
Normally when the Control Register is read the bit values
are provided by the internal output data latch These bit
values can be superseded by the logic level of the STB
AFD INIT and SLIN pins if these pins are forced high or
low by an external voltage In order to force these pins high
or low the corresponding bits should be set to their inactive
state (eg AFD e STB e SLIN e 0 INIT e 1)
75 ENHANCED PARALLEL PORT OPERATION
EPP mode provides for greater throughput and more com-
plexity than Compatible or Extended modes by supporting
faster transfer times and a mechanism that allows the host
to address peripheral device registers directly Faster trans-
fers are achieved by automatically generating the address
and data strobes EPP is compatible with both Compatible
and Extended mode parallel-port devices It consists of
eight (0 – 7) single-byte registers (See Table 7-4)
Support for two EPP modes is added to the existing parallel
port
EPP rev 17 is supported when bit 0 of PCR is 1 and bit 1 of
PCR is 0
EPP rev 19 (IEEE 1284) is supported when bit 0 of PCR is
1 and bit 1 of PCR is 1
EPP is supported for a parallel port whose base address is
278h or 378h but not for a parallel port whose base ad-
dress is 3BCh (there are no EPP registers at 3BFh) There
are four EPP transfer operations address write address
read data write and data read An EPP transfer operation is
composed of a host read or write cycle (from or to an EPP
register) and an EPP read or write cycle (from a peripheral
device to an EPP register or from an EPP register to a
peripheral device)
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com