| Electronic Components Datasheet Search |
|
TMS320F28035MPNTEP Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F28035MPNTEP Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 144 page ![]() 13 TMS320F28035-EP www.ti.com SPRSP25A – JUNE 2018 – REVISED JULY 2018 Submit Documentation Feedback Product Folder Links: TMS320F28035-EP Terminal Configuration and Functions Copyright © 2018, Texas Instruments Incorporated Table 3-1. Signal Descriptions(1) (continued) TERMINAL I/O/Z DESCRIPTION NAME PN PIN NO. GPIO26 37 I/O/Z General-purpose input/output 26 HRCAP1 I High-resolution input capture 1 – – SPICLKB I/O SPI-B clock input/output GPIO27 31 I/O/Z General-purpose input/output 27 HRCAP2 I High-resolution input capture 2 – – SPISTEB I/O SPI-B slave transmit enable input/output GPIO28 40 I/O/Z General-purpose input/output 28 SCIRXDA I SCI receive data SDAA I/OD I2C data open-drain bidirectional port TZ2 I Trip zone input 2 GPIO29 34 I/O/Z General-purpose input/output 29 SCITXDA O SCI transmit data SCLA I/OD I2C clock open-drain bidirectional port TZ3 I Trip zone input 3 GPIO30 33 I/O/Z General-purpose input/output 30 CANRXA I CAN receive – – – – GPIO31 32 I/O/Z General-purpose input/output 31 CANTXA O CAN transmit – – – – GPIO32 2 I/O/Z General-purpose input/output 32 SDAA I/OD I2C data open-drain bidirectional port EPWMSYNCI I Enhanced PWM external sync pulse input ADCSOCAO O ADC start-of-conversion A GPIO33 3 I/O/Z General-Purpose Input/Output 33 SCLA I/OD I2C clock open-drain bidirectional port EPWMSYNCO O Enhanced PWM external synch pulse output ADCSOCBO O ADC start-of-conversion B GPIO34 74 I/O/Z General-Purpose Input/Output 34 COMP2OUT O Direct output of Comparator 2 – – COMP3OUT O Direct output of Comparator 3 GPIO35 59 I/O/Z General-Purpose Input/Output 35 TDI I JTAG test data input (TDI) with internal pullup. TDI is clocked into the selected register (instruction or data) on a rising edge of TCK GPIO36 60 I/O/Z General-Purpose Input/Output 36 TMS I JTAG test-mode select (TMS) with internal pullup. This serial control input is clocked into the TAP controller on the rising edge of TCK. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |