Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28035MPNTEP Datasheet HTML 1Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 2Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 3Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 4Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 5Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 6Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 7Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 8Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 144 page
background image
3 External Interrupts
M0
SARAM 1K × 16
(0-wait)
16-Bit Peripheral Bus
M1
SARAM 1K × 16
(0-wait)
eCAN
(32-mail
box)
SCI
(4L FIFO)
ePWM
SPI
(4L FIFO)
I2C
(4L FIFO)
LIN
HRPWM
32-Bit Peripheral Bus
GPIO MUX
C28x
32-Bit CPU
A7:0
B7:0
PIE
CPU Timer 0
CPU Timer 1
CPU Timer 2
TCK
TDI
TMS
TDO
TRST
OSC1,
OSC2,
Ext,
PLL,
LPM,
WD
XCLKIN
X2
XRS
32-Bit Peripheral Bus
(CLA-Accessible)
eCAP
COMP1OUT
GPIO
Mux
LPM Wakeup
CLA
ADC
Boot-ROM
8K × 16
(0-wait)
SARAM
4K/6K/8K × 16
(CLA Only on
28033 and 28035)
(0-wait)
Secure
COMP
COMP1A
COMP1B
COMP2A
COMP2B
COMP3A
COMP3B
COMP2OUT
COMP3OUT
eQEP
X1
GPIO
MUX
AIO
MUX
From
COMP1OUT,
COMP2OUT,
COMP3OUT
VREG
POR/
BOR
Memory Bus
Memory Bus
PSWD
FLASH
16K/32K/64K × 16
Secure
OTP/Flash
Wrapper
OTP 1K × 16
Secure
Code
Security
Module
HRCAP
Copyright © 2017, Texas Instruments Incorporated
3
TMS320F28035-EP
www.ti.com
SPRSP25A – JUNE 2018 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Device Overview
Copyright © 2018, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram for the device.
A.
Not all peripheral pins are available at the same time due to multiplexing.
Figure 1-1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com