Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 70Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 71Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 72Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 73Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 74Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 75Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 76Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 77Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 144 page
background image
74
TMS320F28035-EP
SPRSP25A – JUNE 2018 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Detailed Description
Copyright © 2018, Texas Instruments Incorporated
5.9.2.1.3 On-Chip Analog-to-Digital Converter (ADC) Electrical Data/Timing
(1)
INL will degrade when the ADC input voltage goes above VDDA.
(2)
1 LSB has the weighted value of full-scale range (FSR)/4096. FSR is 3.3 V with internal reference and VREFHI - VREFLO for external
reference.
(3)
For more details, see the TMS320F2803x Piccolo™ MCUs Silicon Errata.
(4)
Periodic self-recalibration will remove system-level and temperature dependencies on the ADC zero offset error. This can be performed
as needed in the application without sacrificing an ADC channel by using the procedure listed in the "ADC Zero Offset Calibration"
section of the TMS320x2802x, 2803x Piccolo Analog-to-Digital Converter (ADC) and Comparator Reference Guide.
(5)
VREFLO is always connected to VSSA on the 64-pin PAG device.
(6)
VREFHI must not exceed VDDA when using either internal or external reference modes. Because VREFHI is tied to ADCINA0 on the 64-pin
PAG device, the input signal on ADCINA0 must not exceed VDDA.
Table 5-27. ADC Electrical Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
DC SPECIFICATIONS
Resolution
12
Bits
ADC clock
60-MHz device
0.001
60
MHz
Sample Window
28035/34/33/32
7
64
ADC
Clocks
28031/30
24
64
ACCURACY
INL (Integral nonlinearity) at ADC Clock
≤ 30 MHz(1)
–4
4
LSB
DNL (Differential nonlinearity) at ADC Clock
≤ 30 MHz,
no missing codes
–1
1
LSB
Offset error(2)
Executing a single self-
recalibration(3)
–20
0
20
LSB
Executing periodic self-
recalibration(4)
–4
0
4
Overall gain error with internal reference
–60
60
LSB
Overall gain error with external reference
–40
40
LSB
Channel-to-channel offset variation
–4
4
LSB
Channel-to-channel gain variation
–4
4
LSB
ADC temperature coefficient with internal reference
–50
ppm/°C
ADC temperature coefficient with external reference
–20
ppm/°C
VREFLO
–100
µA
VREFHI
100
µA
ANALOG INPUT
Analog input voltage with internal reference
0
3.3
V
Analog input voltage with external reference
VREFLO
VREFHI
V
VREFLO input voltage
(5)
VSSA
0.66
V
VREFHI input voltage
(6)
2.64
VDDA
V
with VREFLO = VSSA
1.98
VDDA
Input capacitance
5
pF
Input leakage current
±2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com