Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 40Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 41Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 42Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 43Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 44Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 45Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 46Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 47Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
M0 Vector RAM (Enabled if VMAP = 0)
M0 SARAM (1K
16, 0-Wait)
´
0x00 0000
0x00 0040
M1 SARAM (1K
16, 0-Wait)
´
0x00 0400
Data Space
Prog Space
Reserved
0x00 2000
Reserved
Peripheral Frame 1
(1K
16, Protected)
´
0x00 6000
Peripheral Frame 3
(1.5K
16, Protected)
´
0x00 6400
Peripheral Frame 1
(1.5K
16, Protected)
´
0x00 6A00
Peripheral Frame 2
(4K
16, Protected)
´
0x00 7000
Reserved
Peripheral Frame 0
0x00 0800
Peripheral Frame 0
0x00 1580
0x00 0D00
PIE Vector - RAM
(256
16)
(Enabled if
VMAP = 1,
ENPIE = 1)
´
0x00 1400
0x00 0E00
0x00 1500
0x00 1480
CPU-to-CLA Message RAM
CLA-to-CPU Message RAM
CLA Registers
Peripheral Frame 0
0x00 8000
L0 SARAM (2K
16)
(0-Wait, Secure Zone + ECSL, Dual-Mapped)
´
0x00 8800
L1 DPSARAM (1K
16)
(0-Wait, Secure Zone + ECSL, CLA Data RAM 0)
´
0x00 8C00
L2 DPSARAM (1K
16)
(0-Wait, Secure Zone + ECSL, CLA Data RAM 1)
´
0x00 9000
L3 DPSARAM (4K
16)
(0-Wait, Secure Zone + ECSL, CLA Prog RAM)
´
0x3D 7800
User OTP (1K
16, Secure Zone + ECSL)
´
0x3D 7C80
Calibration Data
0x00 A000
Reserved
0x3D 7C00
Reserved
FLASH
(64K
16, 8 Sectors, Secure Zone + ECSL)
´
L0 SARAM (2K
16)
(0-Wait, Secure Zone + ECSL, Dual-Mapped)
´
128-Bit Password
Boot ROM (8K
16, 0-Wait)
´
Vector (32 Vectors, Enabled if VMAP = 1)
0x3E 8000
0x3F 7FF8
0x3F 8000
0x3F 8800
0x3F E000
0x3F FFC0
Reserved
0x3D 7EB0
Reserved
0x3D 7CC0
Get_mode function
0x3D 7CE0
Reserved
0x3D 7E80
PARTID
Calibration Data
44
TMS320F28035-EP
SPRSP25A – JUNE 2018 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Detailed Description
Copyright © 2018, Texas Instruments Incorporated
A.
CLA-specific registers and RAM apply to the 28035 device only.
B.
Memory locations 0x3D7E80-0x3D7EAF are reserved in TMX silicon.
Figure 5-1. 28035 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com