Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 35Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 36Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 37Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 38Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 39Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 40Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 41Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 42Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
39
TMS320F28035-EP
www.ti.com
SPRSP25A – JUNE 2018 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Detailed Description
Copyright © 2018, Texas Instruments Incorporated
5.1.12 External Interrupts (XINT1–XINT3)
The devices support three masked external interrupts (XINT1–XINT3). Each of the interrupts can be
selected for negative, positive, or both negative and positive edge triggering and can also be
enabled/disabled. These interrupts also contain a 16-bit free running up counter, which is reset to zero
when a valid interrupt edge is detected. This counter can be used to accurately time stamp the interrupt.
There are no dedicated pins for the external interrupts. XINT1, XINT2, and XINT3 interrupts can accept
inputs from GPIO0–GPIO31 pins.
5.1.13 Internal Zero Pin Oscillators, Oscillator, and PLL
The device can be clocked by either of the two internal zero-pin oscillators, an external oscillator, or by a
crystal attached to the on-chip oscillator circuit. A PLL is provided supporting up to 12 input-clock-scaling
ratios. The PLL ratios can be changed on-the-fly in software, enabling the user to scale back on operating
frequency if lower power operation is desired. Refer to Section 4, Electrical Specifications, for timing
details. The PLL block can be set in bypass mode.
5.1.14 Watchdog
Each device contains two watchdogs: CPU-Watchdog that monitors the core and NMI-Watchdog that is a
missing clock-detect circuit. The user software must regularly reset the CPU-watchdog counter within a
certain time frame; otherwise, the CPU-watchdog generates a reset to the processor. The CPU-watchdog
can be disabled if necessary. The NMI-Watchdog engages only in case of a clock failure and can either
generate an interrupt or a device reset.
5.1.15 Peripheral Clocking
The clocks to each individual peripheral can be enabled/disabled to reduce power consumption when a
peripheral is not in use. Additionally, the system clock to the serial ports (except I2C) can be scaled
relative to the CPU clock.
5.1.16 Low-power Modes
The devices are full static CMOS devices. Three low-power modes are provided:
IDLE:
Place CPU in low-power mode. Peripheral clocks may be turned off selectively and
only those peripherals that must function during IDLE are left operating. An enabled
interrupt from an active peripheral or the watchdog timer will wake the processor from
IDLE mode.
STANDBY: Turns off clock to CPU and peripherals. This mode leaves the oscillator and PLL
functional. An external interrupt event will wake the processor and the peripherals.
Execution begins on the next valid cycle after detection of the interrupt event
HALT:
This mode basically shuts down the device and places it in the lowest possible power
consumption mode. If the internal zero-pin oscillators are used as the clock source,
the HALT mode turns them off, by default. To keep these oscillators from shutting
down, the INTOSCnHALTI bits in CLKCTL register may be used. The zero-pin
oscillators may thus be used to clock the CPU-watchdog in this mode. If the on-chip
crystal oscillator is used as the clock source, it is shut down in this mode. A reset or
an external signal (through a GPIO pin) or the CPU-watchdog can wake the device
from this mode.
The CPU clock (OSCCLK) and WDCLK should be from the same clock source before attempting to put
the device into HALT or STANDBY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com