Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 20Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 21Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 22Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 23Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 24Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 25Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 26Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 27Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
TRST
TMS
TDI
TDO
TCK
V
DDIO
MCU
EMU0
EMU1
TRST
TMS
TDI
TDO
TCK
TCK_RET
13
14
2
1
3
7
11
9
6 inches or less
PD
GND
GND
GND
GND
GND
5
4
6
8
10
12
JTAG Header
V
DDIO
24
TMS320F28035-EP
SPRSP25A – JUNE 2018 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Specifications
Copyright © 2018, Texas Instruments Incorporated
4.8
Thermal Design Considerations
Based on the end application design and operational profile, the IDD and IDDIO currents could vary.
Systems that exceed the recommended maximum power dissipation in the end product may require
additional thermal enhancements. Ambient temperature (TA) varies with the end application and product
design. The critical factor that affects reliability and functionality is TJ, the junction temperature, not the
ambient temperature. Hence, care should be taken to keep TJ within the specified limits. Tcase should be
measured to estimate the operating junction temperature TJ. Tcase is normally measured at the center of
the package top-side surface. The thermal application report Semiconductor and IC Package Thermal
Metrics helps to understand the thermal metrics and definitions.
4.9
Emulator Connection Without Signal Buffering for the MCU
Figure 4-5 shows the connection between the MCU and JTAG header for a single-processor configuration.
If the distance between the JTAG header and the MCU is greater than 6 inches, the emulation signals
must be buffered. If the distance is less than 6 inches, buffering is typically not needed. Figure 4-5 shows
the simpler, no-buffering situation. For the pullup/pulldown resistor values, see Section 3.2, Signal
Descriptions.
A.
See Figure 5-41 for JTAG/GPIO multiplexing.
Figure 4-5. Emulator Connection Without Signal Buffering for the MCU
NOTE
The 28035 device does not have EMU0/EMU1 pins. For designs that have a JTAG Header
onboard, the EMU0/EMU1 pins on the header must be tied to VDDIO through a 4.7-kΩ
(typical) resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com