Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 25Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 26Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 27Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 28Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 29Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 30Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 31Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 32Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
29
TMS320F28035-EP
www.ti.com
SPRSP25A – JUNE 2018 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Specifications
Copyright © 2018, Texas Instruments Incorporated
4.13 Clock Specifications
4.13.1 Device Clock Table
This section provides the timing requirements and switching characteristics for the various clock options
available on the 2803x MCUs. Table 4-6 lists the cycle times of various clocks.
(1)
Lower LSPCLK will reduce device power consumption.
(2)
This is the default reset value if SYSCLKOUT = 60 MHz.
Table 4-6. 2803x Clock Table and Nomenclature (60-MHz Devices)
MIN
NOM
MAX
UNIT
SYSCLKOUT
tc(SCO), Cycle time
16.67
500
ns
Frequency
2
60
MHz
LSPCLK(1)
tc(LCO), Cycle time
16.67
66.67(2)
ns
Frequency
15(2)
60
MHz
ADC clock
tc(ADCCLK), Cycle time
16.67
ns
Frequency
60
MHz
(1)
The PLLLOCKPRD register must be updated based on the number of OSCCLK cycles. If the zero-pin internal oscillators (10 MHz) are
used as the clock source, then the PLLLOCKPRD register must be written with a value of 10,000 (minimum).
Table 4-7. Device Clocking Requirements/Characteristics
MIN
NOM
MAX
UNIT
On-chip oscillator (X1/X2 pins)
(Crystal/Resonator)
tc(OSC), Cycle time
50
200
ns
Frequency
5
20
MHz
External oscillator/clock source
(XCLKIN pin) — PLL Enabled
tc(CI), Cycle time (C8)
33.3
200
ns
Frequency
5
30
MHz
External oscillator/clock source
(XCLKIN pin) — PLL Disabled
tc(CI), Cycle time (C8)
33.33
250
ns
Frequency
4
30
MHz
Limp mode SYSCLKOUT
(with /2 enabled)
Frequency range
1 to 5
MHz
XCLKOUT
tc(XCO), Cycle time (C1)
66.67
2000
ns
Frequency
0.5
15
MHz
PLL lock time(1)
tp
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com