Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 45Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 46Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 47Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 48Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 49Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 50Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 51Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 52Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
49
TMS320F28035-EP
www.ti.com
SPRSP25A – JUNE 2018 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Detailed Description
Copyright © 2018, Texas Instruments Incorporated
5.4
Device Emulation Registers
These registers are used to control the protection mode of the C28x CPU and to monitor some critical
device signals. The registers are defined in Table 5-10 .
Table 5-10. Device Emulation Registers
NAME
ADDRESS
RANGE
SIZE (x16)
DESCRIPTION
EALLOW
PROTECTED
DEVICECNF
0x0880
0x0881
2
Device Configuration Register
Yes
PARTID
0x3D 7E80
1
Part ID Register
TMS320F28035MPNTEP
0x00BF
No
CLASSID
0x0882
1
Class ID Register
TMS320F28035
0x00BF
No
REVID
0x0883
1
Revision ID
Register
0x0001 - Silicon Rev. A - TMS
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com