Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28035MPNTEP Datasheet HTML 1Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 2Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 3Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 4Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 5Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 6Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 7Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 8Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 144 page
background image
2
TMS320F28035-EP
SPRSP25A – JUNE 2018 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Device Overview
Copyright © 2018, Texas Instruments Incorporated
1.2
Applications
•
Appliances
•
Building Automation
•
Electric Vehicle/Hybrid Electric Vehicle (EV/HEV)
Powertrain
•
Factory Automation
•
Grid Infrastructure
•
Medical, Healthcare and Fitness
•
Motor Drives
•
Power Delivery
•
Telecom Infrastructure
•
Test and Measurement
1.3
Description
The F28035 Piccolo™ family of microcontrollers provides the power of the C28x core and Control Law
Accelerator (CLA) coupled with highly integrated control peripherals in low pin-count devices. This family
is code-compatible with previous C28x-based code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the
HRPWM to allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit
references have been added and can be routed directly to control the PWM outputs. The ADC converts
from 0 to 3.3-V fixed full-scale range and supports ratio-metric VREFHI/VREFLO references. The ADC
interface has been optimized for low overhead and latency.
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28035MPNTEP
LQFP (80)
12.0 mm × 12.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com