Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035MPNTEP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28035MPNTEP
Description  Piccolo Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28035MPNTEP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320F28035MPNTEP Datasheet HTML 10Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 11Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 12Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 13Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 14Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 15Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 16Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 17Page - Texas Instruments TMS320F28035MPNTEP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
14
TMS320F28035-EP
SPRSP25A – JUNE 2018 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28035-EP
Terminal Configuration and Functions
Copyright © 2018, Texas Instruments Incorporated
Table 3-1. Signal Descriptions(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
NAME
PN
PIN NO.
GPIO37
58
I/O/Z
General-Purpose Input/Output 37
TDO
O/Z
JTAG scan out, test data output (TDO). The contents of the selected register
(instruction or data) are shifted out of TDO on the falling edge of TCK (8 mA
drive)
GPIO38
57
I/O/Z
General-Purpose Input/Output 38
TCK
I
JTAG test clock with internal pullup
XCLKIN
I
External Oscillator Input. The path from this pin to the clock block is not gated by
the mux function of this pin. Care must be taken to not enable this path for
clocking if it is being used for the other functions.
–
–
GPIO39
56
I/O/Z
General-Purpose Input/Output 39
–
–
–
–
–
–
GPIO40
64
I/O/Z
General-Purpose Input/Output 40
EPWM7A
O
Enhanced PWM7 output A and HRPWM channel
–
–
–
–
GPIO41
48
I/O/Z
General-Purpose Input/Output 41
EPWM7B
O
Enhanced PWM7 output B
–
–
–
–
GPIO42
5
I/O/Z
General-Purpose Input/Output 42
–
–
–
–
COMP1OUT
O
Direct output of Comparator 1
GPIO43
6
I/O/Z
General-Purpose Input/Output 43
–
–
–
–
COMP2OUT
O
Direct output of Comparator 2
GPIO44
45
I/O/Z
General-Purpose Input/Output 44
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com