| Electronic Components Datasheet Search |
|
SSL8516T Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL8516T Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 33 page ![]() SSL8516T All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 1 — 5 May 2014 17 of 33 NXP Semiconductors SSL8516T Greenchip PFC and flyback controller 7.3.7 Maximum on-time The flyback controller limits the on-time of the external MOSFET to 38.5 s. When the on-time is longer than 38.5 s, the IC stops switching and enters the safe restart state. 7.3.8 Overvoltage protection (FBAUX pin) An output OVP is implemented in the GreenChip series. In the SSL8516T, the auxiliary voltage is sensed using the current flowing into the FBAUX pin during the secondary stroke. The auxiliary winding voltage is a well-defined replica of the output voltage. An internal filter averages voltage spikes. An internal up-down counter prevents false OVP detection which can occur during ESD or lightning events. The internal counter counts up by one when the output voltage exceeds the OVP trip level within one switching cycle. The internal counter counts down by two when the output voltage has not exceeded the OVP trip level in one switching cycle. When the counter has reached six, the IC assumes a true overvoltage and triggers the safe start protection The demagnetization resistor, RFBAUX sets the output voltage Vo(OVP) at which the OVP function trips: (7) where Ns is the number of secondary windings and Naux is the number of auxiliary windings of the transformer. Current Iovp(FBAUX) is internally trimmed. Accurate OVP detection is made possible by adjusting the value of RFBAUX to the turns ratio of the transformer. 7.3.9 Overcurrent protection (FBSENSE pin) The primary peak current in the transformer is measured accurately cycle-by-cycle using the external sense resistor RSENSE2. The OCP circuit limits VFBSENSE to a level set by VFBCTRL (see also Section 7.3.3). The OCP detection is suppressed during the leading-edge blanking period, tleb (equals ton(fb)min td(FBDRIVER)), to prevent false triggering due to switch-on spikes. Fig 13. Flyback soft-start V oOVP N s N aux ----------- I ovp FBAUX R FBAUX V clamp FBAUX + = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |