Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL8516T Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 20Page - NXP Semiconductors SSL8516T Datasheet HTML 21Page - NXP Semiconductors SSL8516T Datasheet HTML 22Page - NXP Semiconductors SSL8516T Datasheet HTML 23Page - NXP Semiconductors SSL8516T Datasheet HTML 24Page - NXP Semiconductors SSL8516T Datasheet HTML 25Page - NXP Semiconductors SSL8516T Datasheet HTML 26Page - NXP Semiconductors SSL8516T Datasheet HTML 27Page - NXP Semiconductors SSL8516T Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
24 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
Oscillator flyback
fsw(fb)max
maximum flyback
switching frequency
110
130
150
kHz
Vstart(red)f
frequency reduction
start voltage
transfer from DCM/QR to FR mode
3.8
4
4.2
V
fsw(fb)swon(PFC)
PFC switch-on flyback
switching frequency
70
73
76
kHz
fsw(fb)swoff(PFC)
PFC switch-off flyback
switching frequency
50
53
56
kHz
Ven(PFC)FBCTRL
PFC enable voltage
on pin FBCTRL
override voltage
3.4
3.75
4.1
V
fsw(fb)VCO
VCO flyback switching
frequency
VFBCTRL = 2.8 V
4553
61kHz
VFBCTRL = 0.77 V
16
20
24
kHz
Vswoff(fb)FBCTRL
flyback switch-off
voltage on pin
FBCTRL
0.4
0.54
0.68
V
Peak current control flyback (FBCTRL pin)
VFBCTRL
voltage on pin
FBCTRL
for maximum flyback peak current
4.6
4.9
5.2
V
Vto(FBCTRL)
time-out voltage on
pin FBCTRL
enable voltage
5.3
5.5
5.7
V
trip voltage
7.3
7.75
8.2
V
IO(FBCTRL)
output current on pin
FBCTRL
VFBCTRL =0V
0.75 0.6
0.45 mA
VFBCTRL =4.5 V
0.3
0.24
0.18 mA
Ito(FBCTRL)
time-out current on pin
FBCTRL
VFBCTRL =6V
35
29
23
A
Rint(FBCTRL)
internal resistance on
pin FBCTRL
9.8
13.2
16.5
k
Valley switching flyback (HV pin)
(
V/t)
vrec(fb)
flyback valley
recognition voltage
change with time
[3]
75
-
+75
V/
s
td(vrec-swon)
valley recognition to
switch-on delay time
[3] -75
-ns
Soft-start flyback (FBSENSE pin)
Istart(soft)fb
flyback soft start
current
75
60
45
A
Vstart(soft)fb
flyback soft start
voltage
enable voltage
0.5
0.55
0.6
V
OverCurrent Protection (OCP) flyback (FBSENSE pin)
Vsense(fb)max
maximum flyback
sense voltage
V/t = 0 V/s
525
545
565
mV
Vsense(fb)min
minimum flyback
sense voltage
V/t = 0 V/s
221
232
243
mV
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com